전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6204A1 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6204A1
상세설명  1.7-W Mono Fully Differential Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6204A1 데이터시트(HTML) 2 Page - Texas Instruments

  TPA6204A1 Datasheet HTML 1Page - Texas Instruments TPA6204A1 Datasheet HTML 2Page - Texas Instruments TPA6204A1 Datasheet HTML 3Page - Texas Instruments TPA6204A1 Datasheet HTML 4Page - Texas Instruments TPA6204A1 Datasheet HTML 5Page - Texas Instruments TPA6204A1 Datasheet HTML 6Page - Texas Instruments TPA6204A1 Datasheet HTML 7Page - Texas Instruments TPA6204A1 Datasheet HTML 8Page - Texas Instruments TPA6204A1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
TPA6204A1
SLOS429C – MAY 2004 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA6204A1
Submit Documentation Feedback
Copyright © 2004–2016 , Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 3
7.1
Absolute Maximum Ratings ...................................... 3
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics: TA = 25°C ........................ 4
7.6
Operating Characteristics: TA = 25°C, Gain = 1 V/V 5
7.7
Dissipation Ratings ................................................... 5
7.8
Typical Characteristics .............................................. 6
8
Parameter Measurement Information .................. 8
9
Detailed Description .............................................. 9
9.1
Overview ................................................................... 9
9.2
Functional Block Diagram ......................................... 9
9.3
Feature Description................................................... 9
9.4
Device Functional Modes........................................ 12
10
Application and Implementation........................ 13
10.1
Application Information.......................................... 13
10.2
Typical Application ................................................ 13
10.3
System Examples ................................................. 15
11
Power Supply Recommendations ..................... 16
11.1
Power Supply Decoupling Capacitor .................... 17
12
Layout................................................................... 17
12.1
Layout Guidelines ................................................. 17
12.2
Layout Example .................................................... 17
13
Device and Documentation Support ................. 18
13.1
Community Resources.......................................... 18
13.2
Trademarks ........................................................... 18
13.3
Electrostatic Discharge Caution ............................ 18
13.4
Glossary ................................................................ 18
14
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
Changes from Revision B (September 2009) to Revision C
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1


유사한 부품 번호 - TPA6204A1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1 TI-TPA6204A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6204A1DGN TI-TPA6204A1DGN Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DGN TI-TPA6204A1DGN Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRB TI-TPA6204A1DRB Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA6204A1

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_15 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com