전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA6211A1DGNG4 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA6211A1DGNG4
상세설명  3.1-W Mono Fully Differential Audio Power Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6211A1DGNG4 데이터시트(HTML) 5 Page - Texas Instruments

  TPA6211A1DGNG4 Datasheet HTML 1Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 2Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 3Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 4Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 5Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 6Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 7Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 8Page - Texas Instruments TPA6211A1DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
38 kW
R
I
40 kW
R
I
42 kW
R
I
TPA6211A1
www.ti.com
SLOS367E – AUGUST 2003 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5.5 V,
VIC = 0.5 V to 4.7 V
-63
–40
CMRR
Common mode rejection ratio
dB
VDD = 2.5 V,
VIC = 0.5 V to 1.7 V
-63
–40
VDD = 5.5 V
0.45
RL = 4 Ω,
Gain = 1 V/V,
Low-output swing
VIN+ = VDD,
VIN- = 0 V or
VDD = 3.6 V
0.37
V
VIN+ = 0 V,
VIN- = VDD
VDD = 2.5 V
0.26
0.4
VDD = 5.5 V
4.95
RL = 4 Ω,
Gain = 1 V/V,
High-output swing
VIN+ = VDD,
VIN- = 0 V or
VDD = 3.6 V
3.18
V
VIN- = VDD
VIN+ = 0 V
VDD = 2.5 V
2
2.13
| IIH |
High-level input current, shutdown
VDD = 5.5 V,
VI = 5.8 V
58
100
μA
| IIL |
Low-level input current, shutdown
VDD = 5.5 V,
VI = –0.3 V
3
100
μA
IQ
Quiescent current
VDD = 2.5 V to 5.5 V, no load
4
5
mA
V(SHUTDOWN)
≤ 0.5 V, VDD = 2.5 V to 5.5 V,
I(SD)
Supply current
0.01
1
μA
RL = 4Ω
Gain
RL = 4Ω
V/V
Resistance from shutdown to GND
100
k
7.6 Operating Characteristics
TA = 25°C, Gain = 1 V/V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
2.45
THD + N= 1%, f = 1 kHz, RL = 3 Ω
VDD = 3.6 V
1.22
VDD = 2.5 V
0.49
VDD = 5 V
2.22
PO
Output power
THD + N= 1%, f = 1 kHz, RL = 4 Ω
VDD = 3.6 V
1.1
W
VDD = 2.5 V
0.47
VDD = 5 V
1.36
THD + N= 1%, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.72
VDD = 2.5 V
0.33
PO = 2 W
VDD = 5 V
0.045%
f = 1 kHz, RL = 3 Ω
PO = 1 W
VDD = 3.6 V
0.05%
PO = 300 mW
VDD = 2.5 V
0.06%
PO = 1.8 W
VDD = 5 V
0.03%
Total harmonic distortion plus
THD+N
f = 1 kHz, RL = 4 Ω
PO = 0.7 W
VDD = 3.6 V
0.03%
noise
PO = 300 mW
VDD = 2.5 V
0.04%
PO = 1 W
VDD = 5 V
0.02%
f = 1 kHz, RL = 8 Ω
PO = 0.5 W
VDD = 3.6 V
0.02%
PO = 200 mW
VDD = 2.5 V
0.03%
f = 217 Hz
-80
VDD = 3.6 V, Inputs ac-grounded with
kSVR
Supply ripple rejection ratio
dB
Ci = 2 μF, V(RIPPLE) = 200 mVpp
f = 20 Hz to 20 kHz
-70
SNR
Signal-to-noise ratio
VDD = 5 V, PO = 2 W, RL = 4 Ω
105
dB
No weighting
15
VDD = 3.6 V, f = 20 Hz to 20 kHz,
Vn
Output voltage noise
μVRMS
Inputs ac-grounded with Ci = 2 μF
A weighting
12
CMRR
Common mode rejection ratio
VDD = 3.6 V, VIC = 1 Vpp
f = 217 Hz
-65
dB
ZI
Input impedance
38
40
44
k
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPA6211A1


유사한 부품 번호 - TPA6211A1DGNG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6211A1DGNG4 TI-TPA6211A1DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1DGNG4 TI1-TPA6211A1DGNG4 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

유사한 설명 - TPA6211A1DGNG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com