전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LX1G14 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 74LX1G14
상세설명  LOW VOLTAGE CMOS SINGLE SCHMITT INVERTER WITH 5V TOLERANT INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G14 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button 74LX1G14 Datasheet HTML 3Page - STMicroelectronics 74LX1G14 Datasheet HTML 4Page - STMicroelectronics 74LX1G14 Datasheet HTML 5Page - STMicroelectronics 74LX1G14 Datasheet HTML 6Page - STMicroelectronics 74LX1G14 Datasheet HTML 7Page - STMicroelectronics 74LX1G14 Datasheet HTML 8Page - STMicroelectronics 74LX1G14 Datasheet HTML 9Page - STMicroelectronics 74LX1G14 Datasheet HTML 10Page - STMicroelectronics 74LX1G14 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
74LX1G14
11/11
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
© http://www.st.com


유사한 부품 번호 - 74LX1G14

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LX1G125 STMICROELECTRONICS-74LX1G125 Datasheet
145Kb / 13P
   SINGLE BUS BUFFER (3-STATE)
April 2004
74LX1G125BJR STMICROELECTRONICS-74LX1G125BJR Datasheet
145Kb / 13P
   SINGLE BUS BUFFER (3-STATE)
April 2004
74LX1G125CTR STMICROELECTRONICS-74LX1G125CTR Datasheet
145Kb / 13P
   SINGLE BUS BUFFER (3-STATE)
April 2004
74LX1G125STR STMICROELECTRONICS-74LX1G125STR Datasheet
145Kb / 13P
   SINGLE BUS BUFFER (3-STATE)
April 2004
74LX1G126 STMICROELECTRONICS-74LX1G126 Datasheet
127Kb / 12P
   SINGLE BUS BUFFER (3-STATE)
More results

유사한 설명 - 74LX1G14

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LX1GU04 STMICROELECTRONICS-74LX1GU04 Datasheet
115Kb / 10P
   LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
74LX1G04 STMICROELECTRONICS-74LX1G04 Datasheet
155Kb / 13P
   LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14 Datasheet
151Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
U74LVC2G14 UTC-U74LVC2G14_10 Datasheet
143Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com