전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EZR32WG-490MHZ 데이터시트(PDF) 8 Page - Silicon Laboratories

부품명 EZR32WG-490MHZ
상세설명  Advanced Energy Monitoring
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32WG-490MHZ 데이터시트(HTML) 8 Page - Silicon Laboratories

Back Button EZR32WG-490MHZ Datasheet HTML 4Page - Silicon Laboratories EZR32WG-490MHZ Datasheet HTML 5Page - Silicon Laboratories EZR32WG-490MHZ Datasheet HTML 6Page - Silicon Laboratories EZR32WG-490MHZ Datasheet HTML 7Page - Silicon Laboratories EZR32WG-490MHZ Datasheet HTML 8Page - Silicon Laboratories EZR32WG-490MHZ Datasheet HTML 9Page - Silicon Laboratories EZR32WG-490MHZ Datasheet HTML 10Page - Silicon Laboratories EZR32WG-490MHZ Datasheet HTML 11Page - Silicon Laboratories EZR32WG-490MHZ Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
4.4 MCU Reset
The EZR32 MCU can be reset by a few different sources:
• A user pressing the RESET button.
• The on-board debugger pulling the #RESET pin low.
• An external debugger pulling the #RESET pin low.
4.5 Board Controller Reset
The Board Controller can be reset by removing and re-inserting the J-Link USB cable. Removing the Board Controller USB cable will
not reset the EZR32, but whenever the Board Controller is powered up again, it will issue a RESET to the EZR32 through the on-board
debugger.
EZR32WG 490MHz Wireless Starter Kit
Power Supply and Reset
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 5


유사한 부품 번호 - EZR32WG-490MHZ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
EZR32WG-434MHZ SILABS-EZR32WG-434MHZ Datasheet
3Mb / 29P
   Ethernet and USB connectivity
More results

유사한 설명 - EZR32WG-490MHZ

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
EZR32WG-915MHZ SILABS-EZR32WG-915MHZ Datasheet
3Mb / 29P
   Advanced Energy Monitoring
logo
Schneider Electric
WISEREM SCHNEIDER-WISEREM Datasheet
85Kb / 2P
   Wiser Energy Home Monitoring
logo
Maxim Integrated Produc...
78M6610LMU MAXIM-78M6610LMU Datasheet
1Mb / 63P
   Energy Measurement Processor for Load Monitoring Units
Rev 0; 1/13
78M6610LMU MAXIM-78M6610LMU_V01 Datasheet
829Kb / 67P
   Energy Measurement Processor for Load Monitoring Units
2015
MAX78630 MAXIM-MAX78630 Datasheet
900Kb / 77P
   Energy Measurement Processor for Polyphase Monitoring Systems
Rev 3; 8/14
logo
Analog Devices
ADE9000 AD-ADE9000 Datasheet
1,004Kb / 73P
   High Performance, Multiphase Energy Power Quality Monitoring IC
logo
Maxim Integrated Produc...
MAX78615LMU MAXIM-MAX78615LMU Datasheet
680Kb / 62P
   Isolated Energy Measurement Processor for Load Monitoring Units
Rev 0; 12/12
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
   Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
logo
Maxim Integrated Produc...
MAX78615 MAXIM-MAX78615 Datasheet
844Kb / 46P
   Isolated Energy Measurement Processor for Polyphase Monitoring Systems
19-7541; Rev 0; 3/15
logo
Freescale Semiconductor...
P1013 FREESCALE-P1013 Datasheet
288Kb / 2P
   Embedded processors with advanced energy management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com