전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI10XX-DK 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI10XX-DK
상세설명  AC to DC Power Adapter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI10XX-DK 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI10XX-DK Datasheet HTML 2Page - Silicon Laboratories SI10XX-DK Datasheet HTML 3Page - Silicon Laboratories SI10XX-DK Datasheet HTML 4Page - Silicon Laboratories SI10XX-DK Datasheet HTML 5Page - Silicon Laboratories SI10XX-DK Datasheet HTML 6Page - Silicon Laboratories SI10XX-DK Datasheet HTML 7Page - Silicon Laboratories SI10XX-DK Datasheet HTML 8Page - Silicon Laboratories SI10XX-DK Datasheet HTML 9Page - Silicon Laboratories SI10XX-DK Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Si10xx-DK
6
Rev. 0.1
Since supply current is typically dependent on supply voltage, the discharge profile editor provides two columns for
supply current. The V2 and V1 voltages at the top of the two columns specify the voltages at which the current
measurements were taken. The Battery Life Estimator creates a linear approximation based on the input data and
is able to feed the simulation engine with an approximate supply current demand for every input voltage.
The minimum system operating voltage input field allows the system operating time to stop increasing when the
simulated battery voltage drops below a certain threshold. This is primarily to allow operating time estimates for
systems that cannot operate down to 1.8 V, which is the voltage of two fully drained single-cell batteries placed in
series.
The wakeup frequency box calculates the period of a single iteration through the four power modes and displays
the system wake up frequency. This is typically the "sample rate" in low power analog sensors.
Once the battery type and discharge profile is specified, the user can click the "Simulate" button to start a new
simulation. The simulation engine calculates the estimated battery life when using one single-cell battery, two
single-cell batteries in series, and two single-cell batteries in parallel. Figure 5 shows the simulation output window.
Figure 5. Battery Life Estimator Utility Simulation Results Form
The primary outputs of the Battery Life Estimator are an estimated system operating time and a simulated graph of
battery voltage vs. time. Additional outputs include estimated battery capacity, average current, self-discharge
current, and the ability to export graph data to a comma delimited text file for plotting in an external graphing
application.


유사한 부품 번호 - SI10XX-DK

제조업체부품명데이터시트상세설명
logo
3M Electronics
SI100 3M-SI100 Datasheet
320Kb / 4P
   3M Scotch-Weld??Surface Insensitive Instant Adhesives
logo
Silicon Laboratories
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SI1000 ETC2-SI1000 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1000-C SILABS-SI1000-C Datasheet
37Kb / 1P
   Typical sleep mode current 0.1 A retains state and RAM contents over full supply range fast wakeup of 2 s
SI1000-C-GM SILABS-SI1000-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

유사한 설명 - SI10XX-DK

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
M-BUS-EK SILABS-M-BUS-EK Datasheet
327Kb / 20P
   AC to DC power adapter
logo
CUI INC
DPR050030-P6P-SZ CUI-DPR050030-P6P-SZ Datasheet
597Kb / 13P
   AC/DC Adapter
logo
Tumbler Technologies + ...
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
   250W AC/DC Desktop Power Adapter
logo
MORNSUN Science& Techno...
MG01203UA MORNSUN-MG01203UA Datasheet
274Kb / 3P
   12W AC/DC Adapter
MI00505WA MORNSUN-MI00505WA Datasheet
240Kb / 3P
   5W AC/DC Adapter
MC01203UA MORNSUN-MC01203UA Datasheet
257Kb / 3P
   12W AC/DC Adapter
ME02405HA MORNSUN-ME02405HA Datasheet
431Kb / 4P
   24W AC/DC Adapter
logo
Delta Electronics, Inc.
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
MDS-060AAS19B DELTA-MDS-060AAS19B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com