전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6312LF 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 AD6312LF
상세설명  1/4- to 1/11 Duty VFD Controller/Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

AD6312LF 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AD6312LF Datasheet HTML 4Page - List of Unclassifed Manufacturers AD6312LF Datasheet HTML 5Page - List of Unclassifed Manufacturers AD6312LF Datasheet HTML 6Page - List of Unclassifed Manufacturers AD6312LF Datasheet HTML 7Page - List of Unclassifed Manufacturers AD6312LF Datasheet HTML 8Page - List of Unclassifed Manufacturers AD6312LF Datasheet HTML 9Page - List of Unclassifed Manufacturers AD6312LF Datasheet HTML 10Page - List of Unclassifed Manufacturers AD6312LF Datasheet HTML 11Page - List of Unclassifed Manufacturers AD6312LF Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AD6312
1/4- to 1/11 Duty VFD Controller/Driver
Anachip Corp.
www.anachip.com.tw
Rev. A4 Dec 29, 2003
8/13
5.0 SW Data
SW data is read with the read command, starting from the least significant bit. Bits 5 through 8 of
the SW data are 0.
0
0
0
0 b3 b2 b1 b0
MSB
LSB
SW1
SW2
SW3
SW4
Timing Diagram
(1)Serial Communication Format
Reception (command/write data)
If data continues
STB
b7
b6
b2
b1
b0
DIN
8
7
3
2
1
CLK
Transmission (read data)
6
5
4
3
2
1
tWAIT
8
7
6
5
4
3
2
1
b7
b6
b5
b4
b3
b2
b1
b0
b0
b1
b2
b3
b4
b5
STB
DIN
CLK
DOUT
Data is read.
A data read command is set.
(Note)
Because the DOUT pin is an N-ch, open-drain output pin, be sure to connect an external pull-up resistor to
this pin (1kΩ to 10 kΩ).
Note : When data is read, a wait time tWAIT of 1 μs is necessary since the rising of the eighth clock that has set the command, until the
falling of the first clock that has read the data.


유사한 부품 번호 - AD6312LF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AD6311 ETC-AD6311 Datasheet
205Kb / 11P
   1/8- to 1/16 Duty VFD Controller/Driver
AD6311QF ETC-AD6311QF Datasheet
205Kb / 11P
   1/8- to 1/16 Duty VFD Controller/Driver
logo
Anachip Corp
AD6315 ANACHIP-AD6315 Datasheet
243Kb / 16P
   1/4- to 1/12 Duty VFD Controller/Driver
AD6315L ANACHIP-AD6315L Datasheet
243Kb / 16P
   1/4- to 1/12 Duty VFD Controller/Driver
AD6315LF ANACHIP-AD6315LF Datasheet
243Kb / 16P
   1/4- to 1/12 Duty VFD Controller/Driver
More results

유사한 설명 - AD6312LF

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312_06 Datasheet
327Kb / 24P
   1/4 to 1/11-duty VFD controller/driver
logo
List of Unclassifed Man...
AD16312 ETC-AD16312 Datasheet
184Kb / 11P
   1/4- TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312 Datasheet
434Kb / 16P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
TP6312 ETC2-TP6312 Datasheet
497Kb / 9P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
NEC
UPD16312 NEC-UPD16312 Datasheet
143Kb / 20P
   1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER
logo
Silan Microelectronics ...
SC16312 SILAN-SC16312 Datasheet
164Kb / 12P
   1/4 to 1/11 DUTY FIP(VFD) CONTROLLER/DRIVER
logo
Renesas Technology Corp
PD16312 RENESAS-PD16312_15 Datasheet
336Kb / 25P
   1/4- to 1/11-DUTY FIPTM (VFD) CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512 Datasheet
128Kb / 12P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_05 Datasheet
195Kb / 10P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_10 Datasheet
131Kb / 11P
   1/4 to 1/11 Duty VFD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com