전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI535X-B20QFN-EVB 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI535X-B20QFN-EVB
상세설명  Fully-powered from a single USB port
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI535X-B20QFN-EVB 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI535X-B20QFN-EVB Datasheet HTML 4Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 5Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 6Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 7Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 8Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 9Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 10Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 11Page - Silicon Laboratories SI535X-B20QFN-EVB Datasheet HTML 12Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Si535x-B20QFN-EVB
10
Rev. 0.3
24
8
R36,R37,R38,R42,R44,R49,
R50,R55
1K
Venkel
CR0402-16W-102J
25
9
R41,R110,R111,R112,R113,
R114,R115,R116,R117
0
Venkel
CR0402-16W-000
26
3
R43,R46,R47
220
Venkel
CR0402-16W-221J
27
4
R45,R48,R60,R61
1.02K
Venkel
TFCR0402-16W-E-1021B
28
1
R67
412
Venkel
TFCR0402-16W-E-4120B
29
5
R72,R73,R74,R90,R91
20
Venkel
CR2512-1W-20R0D
30
7
R75,R76,R78,R92,R95,R97,
R106
10K
Venkel
CR0603-16W-1002F
31
6
R77,R79,R80,R93,R94,R96
100K
Venkel
CR0603-10W-1003F
32
5
R81,R84,R87,R99,R102
5.90K
Venkel
CR0603-16W-5901F
33
5
R82,R85,R88,R100,R103
9.53K
Venkel
CR0603-16W-9531F
34
5
R83,R86,R89,R101,R104
4.42K
Venkel
CR0603-16W-4421F
35
1
R98
6.98K
Venkel
CR0603-16W-6981F
36
2
R105,R107
2.55K
Venkel
CR0603-16W-2551F
37
1
R109
49.9
Venkel
CR0603-16W-49R9F
38
1
S1
SW PUSHBUTTON
Mountain
Switch
101-0161-EV
39
4
TP3,TP20,TP61,TP62
BLACK
Kobiconn
151-203-RC
40
10
TP4,TP5,TP53,TP54,TP55,
TP56,TP57,TP58,TP59,
TP60
RED
Kobiconn
151-207-RC
41
4
TP7,TP8,TP9,TP52
WHITE
Kobiconn
151-201-RC
42
4
TP38,TP39,TP48,TP49
Turret
Mill-Max
2551-2-00-44-00-00-07-0
43
1
U1
Si5350X-B-GM
Silicon Labs
Si5350X-B-GM
44
1
U2
PCA9517D
NXP
PCA9517D
45
1
U3
ADG736BRMZ
Analog Devices
ADG736BRMZ
46
1
U4
C8051F340
SiLabs
C8051F340-GQ
47
1
U5
2.5V
Analog Devices
AD1582BRT
48
2
U6,U7
ADG728
Analog Devices
ADG728BRUZ
49
7
U9,U10,U11,U12,U13,U14,U15
TPS76201
TI
TPS76201DBV
50
1
Y1
27MHz
TXC
7M-27.000MEEQ-T
Table 1. Si535x Bill of Materials (Continued)
Item Qty
Reference
Value
Manufacturer Manufacturer Part Number


유사한 부품 번호 - SI535X-B20QFN-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
SI535X-24QSOP-EVB SILABS-SI535X-24QSOP-EVB Datasheet
404Kb / 14P
   Fully-powered from a single USB port
More results

유사한 설명 - SI535X-B20QFN-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
SI535X-24QSOP-EVB SILABS-SI535X-24QSOP-EVB Datasheet
404Kb / 14P
   Fully-powered from a single USB port
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com