전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4322 데이터시트(PDF) 2 Page - Silicon Laboratories

부품명 SI4322
상세설명  No alignment required in production
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4322 데이터시트(HTML) 2 Page - Silicon Laboratories

  SI4322 Datasheet HTML 1Page - Silicon Laboratories SI4322 Datasheet HTML 2Page - Silicon Laboratories SI4322 Datasheet HTML 3Page - Silicon Laboratories SI4322 Datasheet HTML 4Page - Silicon Laboratories SI4322 Datasheet HTML 5Page - Silicon Laboratories SI4322 Datasheet HTML 6Page - Silicon Laboratories SI4322 Datasheet HTML 7Page - Silicon Laboratories SI4322 Datasheet HTML 8Page - Silicon Laboratories SI4322 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Si4322
2
DETAILED DESCRIPTION
General
The
Si4322 FSK receiver is the counterpart of the Silicon Labs’
FSK transmitter. It covers the unlicensed frequency bands at 868
and 915 MHz. The device facilitates compliance with FCC and ETSI
requirements.
The programmable PLL synthesizer determines the operating
frequency, while preserving accuracy based on the on-chip crystal-
controlled reference oscillator. The PLL’s high resolution allows for
the use of multiple channels in any of the bands.
The receiver employs the Zero-IF approach with I/Q demodulation,
allowing the use of a minimal number of external components in a
typical application. The
Si4322 consists of a fully integrated multi-
band PLL synthesizer, an LNA with switchable gain, I/Q down
converter mixers, baseband filters and amplifiers, and an I/Q
demodulator followed by a data filter.
LNA
The LNA has 250 Ohm input impedance, which works well with the
recommended antennas. (See Application Notes available from
www.silabs.com/integration.)
If the RF input of the chip is connected to 50 Ohm devices, an
external matching circuit is required to provide the correct matching
and to minimize the noise figure of the receiver.
The LNA gain (and linearity) can be selected (0, –6, –12, –18 dB
relative to the highest gain) according to RF signal strength. This is
useful in an environment with strong interferers.
Baseband Filters
The receiver bandwidth is selectable by programming the bandwidth
(BW) of the baseband filters. This allows setting up the receiver
according to the characteristics of the signal to be received.
An appropriate bandwidth can be selected to accommodate various
FSK deviation, data rate, and crystal tolerance requirements. The
filter structure is a 7-th order Butterworth low-pass with 40 dB
suppression at 2*BW frequency. Offset cancellation is accomplished
by using a high-pass filter with a cut-off frequency below 15 kHz.
Data Filtering and Clock Recovery
The output data filtering can be completed by an external capacitor
or by using digital filtering according to the final application.
Analog operation:
Analog operation:
Analog operation:
Analog operation:
Analog operation: The filter is an RC type low-pass filter and a
Schmitt-trigger (St). The resistor (10k) and the St is integrated on
the chip. An (external) capacitor can be chosen according to the
actual bit-rate. In this mode the receiver can handle up to 256 kbps
data rate.
Digital operation:
Digital operation:
Digital operation:
Digital operation:
Digital operation: The data filter is a digital realization of an analog
RC filter followed by a comparator with hysteresis. In this mode there
is a clock recovery circuit (CR), which can provide synchronized clock
to the data. With this clock the received data can fill the RX Data
FIFO. The CR has three operation modes: fast, slow, and automatic.
In slow mode, its noise immunity is very high, but it has slower settling
time and requires more accurate data timing than in fast mode. In
automatic mode the CR automatically changes between fast and
slow modes. The CR starts in fast mode, then automatically switches
to slow mode after locking.
(Only the data filter and the clock recovery use the bit-rate clock.
Therefore, in analog mode, there is no need for setting the correct
bit-rate.)
Data Validity Blocks
RSSI
RSSI
RSSI
RSSI
RSSI
A digital RSSI output is provided to monitor the input signal level. It
goes high if the received signal strength exceeds a given
preprogrammed level. An analog RSSI signal is also available. The
RSSI settling time depends on the filter capacitor used.
P1
-65 dBm
1300 mV
P2
-65 dBm
1000 mV
P3
-100 dBm
600 mV
P4
-100 dBm
300 mV
Input Power [dBm]
RSSI
voltage
[V]
P4
P2
P1
P3
Voltage on ARRSI pin vs. Input RF power


유사한 부품 번호 - SI4322

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4322DY VISHAY-SI4322DY Datasheet
134Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 09-Feb-09
More results

유사한 설명 - SI4322

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
   No alignment required in production
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1 Datasheet
209Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M80GF00-R1 MURATA-SFSKB4M80GF00-R1 Datasheet
205Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M80GF00-R1 MURATA-SFSKB3M80GF00-R1 Datasheet
206Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M70GF00-R1 MURATA-SFSKB5M70GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB2M80GF00-R1 MURATA-SFSKB2M80GF00-R1 Datasheet
217Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M20GF00-R1 MURATA-SFSKB5M20GF00-R1 Datasheet
207Kb / 3P
   No frequency adjustment is required in production process
logo
Silicon Laboratories
SI4020 SILABS-SI4020 Datasheet
1Mb / 32P
   Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com