전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5010-EVB 데이터시트(PDF) 1 Page - Silicon Laboratories

부품명 SI5010-EVB
상세설명  Simple jumper configuration
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5010-EVB 데이터시트(HTML) 1 Page - Silicon Laboratories

  SI5010-EVB Datasheet HTML 1Page - Silicon Laboratories SI5010-EVB Datasheet HTML 2Page - Silicon Laboratories SI5010-EVB Datasheet HTML 3Page - Silicon Laboratories SI5010-EVB Datasheet HTML 4Page - Silicon Laboratories SI5010-EVB Datasheet HTML 5Page - Silicon Laboratories SI5010-EVB Datasheet HTML 6Page - Silicon Laboratories SI5010-EVB Datasheet HTML 7Page - Silicon Laboratories SI5010-EVB Datasheet HTML 8Page - Silicon Laboratories SI5010-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 1.0 12/02
Copyright © 2016 by Silicon Laboratories
Si5010-EVB-10
Si5010-EVB
E VALUATION B OARD FOR Si5010 OC-12/3, STM-4/1
SONET/SDH C LOCK AND D ATA R ECOVERY IC
Description
The Si5010 evaluation board provides a platform for
testing and characterizing Silicon Laboratories’ Si5010
multi-rate OC-12/3 and STM-4/1 clock and data
recovery (CDR) device.
All high-speed I/Os are ac coupled to ease interfacing to
industry standard test equipment
Features
Single 2.5 V power supply
Differential I/Os ac coupled
Simple jumper configuration
Function Block Diagram
REFCLK
+
Z
C = 50
Z
C = 50
Z
C = 50
Z
C = 50
DATAIN
+
CLKO UT
+
DATAO UT
+
Z
C = 50
Z
C = 50
Z
C = 50
Z
C = 50
Pulse
Generator
Pattern
Generator
Jitter
Analyzer
Scope
Pattern
Analyzer
Si5010
LO L
REXT
RATESEL
PW RDN/CAL
10 k
Jum pers
Si5010-EVB
Rev C
Test
Point


유사한 부품 번호 - SI5010-EVB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SI5010-BM ETC-SI5010-BM Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010-BM SILABS-SI5010-BM Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5010-GM SILABS-SI5010-GM Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
More results

유사한 설명 - SI5010-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5020-EVB SILABS-SI5020-EVB Datasheet
1Mb / 12P
   Simple jumper configuration
SI5017-EVB SILABS-SI5017-EVB Datasheet
494Kb / 12P
   Simple jumper configuration
SI5023-EVB SILABS-SI5023-EVB Datasheet
514Kb / 12P
   Simple jumper configuration
SI5310-EVB SILABS-SI5310-EVB Datasheet
1Mb / 12P
   Simple jumper configuration
SI5018-EVB SILABS-SI5018-EVB Datasheet
262Kb / 10P
   Simple jumper configuration
logo
Maxim Integrated Produc...
MAX14575AEVKIT MAXIM-MAX14575AEVKIT Datasheet
464Kb / 8P
   Evaluate Preselected Threshold or Adjustable Threshold by Simple Jumper Configuration
Rev 0; 5/13
MAX196EVKIT MAXIM-MAX196EVKIT Datasheet
205Kb / 8P
   Jumper-Selectable Configuration
Rev 0; 2/96
logo
Zilog, Inc.
ZEPIR000102ZCOG ZILOG-ZEPIR000102ZCOG Datasheet
490Kb / 17P
   Sensitivity control via simple hardware configuration
ZEPIR000103KITG ZILOG-ZEPIR000103KITG Datasheet
266Kb / 18P
   Sensitivity control via simple hardware configuration
logo
Maxim Integrated Produc...
MAX3397EEVKIT MAXIM-MAX3397EEVKIT Datasheet
75Kb / 4P
   Jumper-Selectable Enable/Shutdown Configuration
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com