전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5340-EVB 데이터시트(PDF) 6 Page - Silicon Laboratories

부품명 SI5340-EVB
상세설명  Powered from USB port or external power supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5340-EVB 데이터시트(HTML) 6 Page - Silicon Laboratories

Back Button SI5340-EVB Datasheet HTML 2Page - Silicon Laboratories SI5340-EVB Datasheet HTML 3Page - Silicon Laboratories SI5340-EVB Datasheet HTML 4Page - Silicon Laboratories SI5340-EVB Datasheet HTML 5Page - Silicon Laboratories SI5340-EVB Datasheet HTML 6Page - Silicon Laboratories SI5340-EVB Datasheet HTML 7Page - Silicon Laboratories SI5340-EVB Datasheet HTML 8Page - Silicon Laboratories SI5340-EVB Datasheet HTML 9Page - Silicon Laboratories SI5340-EVB Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Si5340-EVB
6
Rev. 1.0
8. Clock Output Circuits (OUTx/OUTxB)
Each of the 8 outputs (4 differential pairs) is AC coupled to its respective SMA connector. The output clock
termination circuit is shown in Figure 5 below. The output signal has no DC bias. If DC coupling is required, the AC
coupling capacitors can be replaced with a resistor of appropriate value. The Si5340-EVB provides pads for
optional output termination resistors and/or low frequency capacitors.
Note: Components with schematic “NI” designation are not normally populated on the Si5340-EVB and provide locations on
the PCB for optional DC/AC terminations by the end user.
Figure 5. Output Clock Termination Circuit
9. Installing ClockBuilderPro (CBPro) Desktop Software
To install the CBPro software on any Windows 7 (or later version) PC, do the following:
1. Go to http://www.silabs.com/CBPro/ and download ClockBuilderPro™ software.
2. Installation instructions and User’s Guide for ClockBuilderPro™ can be found at the download link shown
above. Please follow the instructions as indicated.
10. Using the Si5340 EVB
10.1. Connecting the EVB to Your Host PC
Once the ClockBuilderPro™ software in installed, connect the PC to the EVB with a USB cable as illustrated in
Figure 6.
Figure 6. EVB Connection Diagram


유사한 부품 번호 - SI5340-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si5340-D-EVB SILABS-Si5340-D-EVB Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5340-D-EVB SKYWORKS-SI5340-D-EVB Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results

유사한 설명 - SI5340-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com