전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5345-EVB 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 SI5345-EVB
상세설명  Powered from USB port or external power supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5345-EVB 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button SI5345-EVB Datasheet HTML 6Page - Silicon Laboratories SI5345-EVB Datasheet HTML 7Page - Silicon Laboratories SI5345-EVB Datasheet HTML 8Page - Silicon Laboratories SI5345-EVB Datasheet HTML 9Page - Silicon Laboratories SI5345-EVB Datasheet HTML 10Page - Silicon Laboratories SI5345-EVB Datasheet HTML 11Page - Silicon Laboratories SI5345-EVB Datasheet HTML 12Page - Silicon Laboratories SI5345-EVB Datasheet HTML 13Page - Silicon Laboratories SI5345-EVB Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Si5345-EVB
10
Rev. 1.1
10.4. Common ClockBuilderPro Work Flow Scenarios
There are three common workflow scenarios when using CBPro and the Si5345 EVB. These workflow scenarios
are:

Workflow Scenario #1: Testing a Silicon Labs-Created Default Configuration

Workflow Scenario #2: Modifying the Default Silicon Labs-Created Device Configuration

Workflow Scenario #3: Testing a User-Created Device Configuration
Each is described in more detail in the following sections.
10.5. Workflow Scenario #1: Testing a Silicon Labs-Created Default Configuration
The flow for using the EVB GUI to initialize and control a device on the EVB is as follows.
Once the PC and EVB are connected, launch ClockBuilder Pro by clicking on this icon on your PC’s desktop.
Figure 11. ClockBuilderPro Desktop Icon
If an EVB is detected, click on the “Open Default Plan” button on the Wizard’s main menu. CBPro automatically
detects the EVB and device type.
Figure 12. Open Default Plan
Once you open the default plan (based on your EVB model number), a popup will appear.
Figure 13. Write Design to EVB Dialog


유사한 부품 번호 - SI5345-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5345-44-42 SILABS-SI5345-44-42 Datasheet
1Mb / 62P
   10-CHANNEL
Si5345-D-EVB SILABS-Si5345-D-EVB Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5345-D-EVB SKYWORKS-SI5345-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

유사한 설명 - SI5345-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com