전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5345-EVB 데이터시트(PDF) 3 Page - Silicon Laboratories

부품명 SI5345-EVB
상세설명  Powered from USB port or external power supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5345-EVB 데이터시트(HTML) 3 Page - Silicon Laboratories

  SI5345-EVB Datasheet HTML 1Page - Silicon Laboratories SI5345-EVB Datasheet HTML 2Page - Silicon Laboratories SI5345-EVB Datasheet HTML 3Page - Silicon Laboratories SI5345-EVB Datasheet HTML 4Page - Silicon Laboratories SI5345-EVB Datasheet HTML 5Page - Silicon Laboratories SI5345-EVB Datasheet HTML 6Page - Silicon Laboratories SI5345-EVB Datasheet HTML 7Page - Silicon Laboratories SI5345-EVB Datasheet HTML 8Page - Silicon Laboratories SI5345-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Si5345-EVB
Rev. 1.1
3
2. Si5345-EVB Support Documentation and ClockBuilderProSoftware
All Si5345 schematics, BOMs, User’s Guides, and software can be found online at the following link:
http://www.silabs.com/products/clocksoscillators/pages/si538x-4x-evb.aspx
3. Quick Start
1. Install ClockBuilderPro desktop software from http://www.silabs.com/CBPro.
2. Connect a USB cable from Si5345-EVB to the PC where the software was installed.
3. Leave the jumpers as installed from the factory, and launch the ClockBuilderPro software.
4. You can use ClockBuilderPro to create, download, and run a frequency plan on the Si5345-EVB.
5. For the Si5345 data sheet, go to http://www.silabs.com/timing.
4. Jumper Defaults
Refer to the Si5345 EVB schematics for the functionality associated with each jumper.
Si5345 EVB Jumper Defaults
Location
Type
I = Installed
0 = Open
Location
Type
I = Installed
0 = Open
JP1
2 pin
O
JP23
2 pin
O
JP2
2 pin
I
JP24
2 pin
O
JP3
2 pin
O
JP25
2 pin
O
JP4
2 pin
I
JP26
2 pin
O
JP5
2 pin
I
JP27
2 pin
O
JP6
2 pin
I
JP28
2 pin
O
JP7
2 pin
I
JP29
2 pin
O
JP8
2 pin
O
JP30
2 pin
O
JP9
2 pin
O
JP31
2 pin
O
JP10
2 pin
I
JP32
2 pin
O
JP13
2 pin
O
JP33
2 pin
O
JP14
2 pin
I
JP34
2 pin
O
JP15
3 pin
1 to 2
JP35
2 pin
O
JP16
3 pin
1 to 2
JP36
2 pin
O
JP17
2 pin
O
JP38
3 pin
all open
JP18
2 pin
O
JP39
2 pin
O
JP19
2 pin
O
JP40
2 pin
O
JP20
2 pin
O
JP41
2 pin
O
JP21
2 pin
O
JP22
2 pin
O
J36
5x2 Hdr
All 5 installed


유사한 부품 번호 - SI5345-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5345-44-42 SILABS-SI5345-44-42 Datasheet
1Mb / 62P
   10-CHANNEL
Si5345-D-EVB SILABS-Si5345-D-EVB Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5345-D-EVB SKYWORKS-SI5345-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

유사한 설명 - SI5345-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com