전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MX29GL640ELT2I-70G 데이터시트(PDF) 72 Page - Macronix International

부품명 MX29GL640ELT2I-70G
상세설명  DATASHEET
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCNIX [Macronix International]
홈페이지  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL640ELT2I-70G 데이터시트(HTML) 72 Page - Macronix International

Back Button MX29GL640ELT2I-70G Datasheet HTML 68Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 69Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 70Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 71Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 72Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 73Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 74Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 75Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 76Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
72
P/N:PM1494
REV. 1.6, OCT. 30, 2013
MX29GL640E T/B
MX29GL640E H/L
Figure 25. WRITE BUFFER PROGRAM FLOWCHART
Write CMD: Data=AAh, Addr=555h
Write CMD: Data=55h, Addr=2AAh
Write CMD: Data=25h, Addr=SA
SA: Sector Address of to be Programmed page
Write CMD: Data=N-1, Addr=SA
N: Word Count
Write CMD:
Data=PGM_data, Addr=PGM_addr
PWC =0?
Write CMD: Data=29h, Addr=SA
Polling Status
Yes
Pass
No
No
Write Buffer Abort
Write reset CMD
to return to read Mode
PWC=PWC-1
No
Fail
Yes
Want to Abort ?
Yes
No
No
Yes
Return to read Mode
Write Abort reset CMD
to return to read Mode
Write a different sector
address to cause Abort
Yes


유사한 부품 번호 - MX29GL640ELT2I-70G

제조업체부품명데이터시트상세설명
logo
Macronix International
MX29GL640ELT2I70G MCNIX-MX29GL640ELT2I70G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ELT2I70G MCNIX-MX29GL640ELT2I70G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ELT2I90G MCNIX-MX29GL640ELT2I90G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ELT2I90G MCNIX-MX29GL640ELT2I90G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

유사한 설명 - MX29GL640ELT2I-70G

제조업체부품명데이터시트상세설명
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
   DATASHEET
MX29GL512FHT2I-10Q MCNIX-MX29GL512FHT2I-10Q Datasheet
1Mb / 72P
   DATASHEET
MX68GL1G0FDT2I-12G MCNIX-MX68GL1G0FDT2I-12G Datasheet
1Mb / 71P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com