전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MX29GL640ELT2I-70G 데이터시트(PDF) 10 Page - Macronix International

부품명 MX29GL640ELT2I-70G
상세설명  DATASHEET
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCNIX [Macronix International]
홈페이지  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL640ELT2I-70G 데이터시트(HTML) 10 Page - Macronix International

Back Button MX29GL640ELT2I-70G Datasheet HTML 6Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 7Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 8Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 9Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 10Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 11Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 12Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 13Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
10
P/N:PM1494
REV. 1.6, OCT. 30, 2013
MX29GL640E T/B
MX29GL640E H/L
BLOCK DIAGRAM DESCRIPTION
The block diagram illustrates a simplified architecture of this device. Each block in the block diagram represents
one or more circuit modules in the real chip used to access, erase, program, and read the memory array.
The "CONTROL INPUT LOGIC" block receives input pins CE#, OE#, WE#, RESET#, BYTE#, and WP#/ACC.
It creates internal timing control signals according to the input pins and outputs to the "ADDRESS LATCH AND
BUFFER" to latch the external address pins A0-AM. The internal addresses are output from this block to the
main array and decoders composed of "X-DECODER", "Y-DECODER", "Y-PASS GATE", AND "FLASH ARRAY".
The X-DECODER decodes the word-lines of the flash array, while the Y-DECODER decodes the bit-lines of the
flash array. The bit lines are electrically connected to the "SENSE AMPLIFIER" and "PGM DATA HV" selectively
through the Y-PASS GATES. SENSE AMPLIFIERS are used to read out the contents of the flash memory, while
the "PGM DATA HV" block is used to selectively deliver high power to bit-lines during programming. The "I/O
BUFFER" controls the input and output on the Q0-Q15/A-1 pads. During read operation, the I/O BUFFER re-
ceives data from SENSE AMPLIFIERS and drives the output pads accordingly. In the last cycle of program com-
mand, the I/O BUFFER transmits the data on Q0-Q15/A-1 to "PROGRAM DATA LATCH", which controls the high
power drivers in "PGM DATA HV" to selectively program the bits in a word or byte according to the user input
pattern.
The "PROGRAM/ERASE HIGH VOLTAGE" block comprises the circuits to generate and deliver the necessary
high voltage to the X-DECODER, FLASH ARRAY, and "PGM DATA HV" blocks. The logic control module com-
prises of the "WRITE STATE MACHINE, WSM", "STATE REGISTER", "COMMAND DATA DECODER", and
"COMMAND DATA LATCH". When the user issues a command by toggling WE#, the command on Q0-A15/A-1
is latched in the COMMAND DATA LATCH and is decoded by the COMMAND DATA DECODER. The STATE
REGISTER receives the command and records the current state of the device. The WSM implements the in-
ternal algorithms for program or erase according to the current command state by controlling each block in the
block diagram.
ARRAY ARCHITECTURE
The main flash memory array can be organized as Byte mode (x8) or Word mode (x16). The details of the ad-
dress ranges and the corresponding sector addresses are shown in Table 1.


유사한 부품 번호 - MX29GL640ELT2I-70G

제조업체부품명데이터시트상세설명
logo
Macronix International
MX29GL640ELT2I70G MCNIX-MX29GL640ELT2I70G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ELT2I70G MCNIX-MX29GL640ELT2I70G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ELT2I90G MCNIX-MX29GL640ELT2I90G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ELT2I90G MCNIX-MX29GL640ELT2I90G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

유사한 설명 - MX29GL640ELT2I-70G

제조업체부품명데이터시트상세설명
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
   DATASHEET
MX29GL512FHT2I-10Q MCNIX-MX29GL512FHT2I-10Q Datasheet
1Mb / 72P
   DATASHEET
MX68GL1G0FDT2I-12G MCNIX-MX68GL1G0FDT2I-12G Datasheet
1Mb / 71P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com