전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MX29GL640ELT2I-70G 데이터시트(PDF) 41 Page - Macronix International

부품명 MX29GL640ELT2I-70G
상세설명  DATASHEET
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCNIX [Macronix International]
홈페이지  http://www.macronix.com
Logo MCNIX - Macronix International

MX29GL640ELT2I-70G 데이터시트(HTML) 41 Page - Macronix International

Back Button MX29GL640ELT2I-70G Datasheet HTML 37Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 38Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 39Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 40Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 41Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 42Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 43Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 44Page - Macronix International MX29GL640ELT2I-70G Datasheet HTML 45Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
41
P/N:PM1494
REV. 1.6, OCT. 30, 2013
MX29GL640E T/B
MX29GL640E H/L
Sector Protection Status Table
Protection Bit Status
Sector Status
DPB
SPB
USPB
clear
clear
clear
Unprotect
clear
clear
set
Unprotect
clear
set
clear
Protect
clear
set
set
Unprotect
set
clear
clear
Protect
set
clear
set
Protect
set
set
clear
Protect
set
set
set
Protect
Notes: If SPBLK is set, SPB will be unchangeable.
If SPBLK is cleared, SPB will be changeable.


유사한 부품 번호 - MX29GL640ELT2I-70G

제조업체부품명데이터시트상세설명
logo
Macronix International
MX29GL640ELT2I70G MCNIX-MX29GL640ELT2I70G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ELT2I70G MCNIX-MX29GL640ELT2I70G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ELT2I90G MCNIX-MX29GL640ELT2I90G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29GL640ELT2I90G MCNIX-MX29GL640ELT2I90G Datasheet
1Mb / 82P
   SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

유사한 설명 - MX29GL640ELT2I-70G

제조업체부품명데이터시트상세설명
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
MX25U8033EBAI-12G MCNIX-MX25U8033EBAI-12G Datasheet
1Mb / 72P
   DATASHEET
MX29GL512FHT2I-10Q MCNIX-MX29GL512FHT2I-10Q Datasheet
1Mb / 72P
   DATASHEET
MX68GL1G0FDT2I-12G MCNIX-MX68GL1G0FDT2I-12G Datasheet
1Mb / 71P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com