전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI52144-EVB 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 SI52144-EVB
상세설명  Power consumption test
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52144-EVB 데이터시트(HTML) 4 Page - Silicon Laboratories

  SI52144-EVB Datasheet HTML 1Page - Silicon Laboratories SI52144-EVB Datasheet HTML 2Page - Silicon Laboratories SI52144-EVB Datasheet HTML 3Page - Silicon Laboratories SI52144-EVB Datasheet HTML 4Page - Silicon Laboratories SI52144-EVB Datasheet HTML 5Page - Silicon Laboratories SI52144-EVB Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si52144-EVB
4
Rev. 0.1
2. Schematics
Figure 2. QFN-24 Device Connection
Figure 3. Device Power Supply
DUTGND
DUTGND
XTL P/N:
ECS-250-20-5PXDU-F-TR
Use SMD footprint
DUTGND
NI
NI
For Si52144,R10 open
For Si53154,R11 open
VDD1
VDD6
VDD12
VDD17
VDD21
DIFF0
DIFF0#
DIFF1
DIFF1#
DIFF2
DIFF2#
DIFF3
DIFF3#
SCLK
SDATA
OE2
OE0
OE3
OE1
SSON
XOUT_DIFFIN
XIN_DIFFIN#
VDD1
YC2
20pF
YC2
20pF
YC1
20pF
YC1
20pF
R4
R4
R3
0
R3
0
R11 10K
R11 10K
C5
0.1uF
C5
0.1uF
R2
0
R2
0
C4
0.1uF
C4
0.1uF
R1
R1
C3
0.1uF
C3
0.1uF
C2
0.1uF
C2
0.1uF
C1
0.1uF
C1
0.1uF
U2
Si52144
U2
Si52144
EPAD
25
DIFF2
14
OE1
2
XOUT/DIFFIN
22
SSON
3
OE2
5
OE3
18
OE0
7
DIFF1#
11
DIFF1
10
DIFF0#
9
DIFF0
8
VDD21
21
VDD17
17
VDD12
12
VDD6
6
VDD1
1
VSS4
4
XIN/DIFFIN#
23
SCLK
19
SDA
20
VSS24
24
DIFF3#
15
DIFF3
16
DIFF2#
13
R10
NI
R10
NI
Y1
25MHz
Y1
25MHz
DUTGND
DUTGND
DUTGND
DUTGND
DUTGND
DUTGND
DUTGND
DUTGND
VDD_3.3V
VDD_3.3V
VDD1
VDD21
VDD6
VDD12
VDD17
C7
0.1uF
C7
0.1uF
+ C9
10uF
+ C9
10uF
JP4
JUMPER
JP4
JUMPER
+ C8
10uF
+ C8
10uF
C16
1uF
C16
1uF
GND1
HEADER 1x1
GND1
HEADER 1x1
1
L6
L6
TP4
GND
TP4
GND
JP3
JUMPER
JP3
JUMPER
C15
1uF
C15
1uF
C14
1uF
C14
1uF
L5
L5
VDD_3V31
HEADER 1x1
VDD_3V31
HEADER 1x1
1
C17
1uF
C17
1uF
L4
L4
C13
1uF
C13
1uF
L3
L3
JP2
JUMPER
JP2
JUMPER
R9
0
R9
0
L2
L2
R8
0
R8
0
TP5
GND
TP5
GND
JP1
JUMPER
JP1
JUMPER
R7
0
R7
0
TP1
GND
TP1
GND
TP2
GND
TP2
GND
R6
0
R6
0
R5
0
R5
0
+ C12
10uF
+ C12
10uF
+ C11
10uF
+ C11
10uF
JP5
JUMPER
JP5
JUMPER
L1
L1
+ C6
10uF
+ C6
10uF
TP3
GND
TP3
GND
+ C10
10uF
+ C10
10uF


유사한 부품 번호 - SI52144-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI52144-A01AGM SILABS-SI52144-A01AGM Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
Si52144-A01AGM SILABS-Si52144-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52144-A01AGM SKYWORKS-SI52144-A01AGM Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52144-A01AGMR SILABS-SI52144-A01AGMR Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
Si52144-A01AGMR SILABS-Si52144-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

유사한 설명 - SI52144-EVB

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI53154-EVB SILABS-SI53154-EVB Datasheet
1Mb / 6P
   Power consumption test
SI52147-EVB SILABS-SI52147-EVB Datasheet
1Mb / 8P
   Power consumption test
SI53159-EVB SILABS-SI53159-EVB Datasheet
1Mb / 6P
   Power consumption test
SI50122-AX-EVB SILABS-SI50122-AX-EVB Datasheet
1Mb / 5P
   ?쟑ower consumption test
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com