전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

900-0380801 데이터시트(PDF) 3 Page - Texas Instruments

부품명 900-0380801
상세설명  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

900-0380801 데이터시트(HTML) 3 Page - Texas Instruments

  900-0380801 Datasheet HTML 1Page - Texas Instruments 900-0380801 Datasheet HTML 2Page - Texas Instruments 900-0380801 Datasheet HTML 3Page - Texas Instruments 900-0380801 Datasheet HTML 4Page - Texas Instruments 900-0380801 Datasheet HTML 5Page - Texas Instruments 900-0380801 Datasheet HTML 6Page - Texas Instruments 900-0380801 Datasheet HTML 7Page - Texas Instruments 900-0380801 Datasheet HTML 8Page - Texas Instruments 900-0380801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
TPS3808
www.ti.com
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
Product Folder Links: TPS3808
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
5 Device Voltage Thresholds
The following table shows the nominal rail to be monitored and the corresponding threshold voltage of the
device.
(1)
Custom threshold voltages from 0.82 V to 3.3 V, 4.4 V to 5 V are available through the use of factory
EEPROM programming. Minimum order quantities apply. Contact the factory for details and
availability.
PART NUMBER
NOMINAL SUPPLY VOLTAGE(1)
THRESHOLD VOLTAGE (VIT)
TPS3808G01
Adjustable
0.405 V
TPS3808G09
0.9 V
0.84 V
TPS3808G12
1.2 V
1.12 V
TPS3808G125
1.25 V
1.16 V
TPS3808G15
1.5 V
1.40 V
TPS3808G18
1.8 V
1.67 V
TPS3808G19
1.9 V
1.77 V
TPS3808G25
2.5 V
2.33 V
TPS3808G30
3 V
2.79 V
TPS3808G33
3.3 V
3.07 V
TPS3808G50
5 V
4.65 V


유사한 부품 번호 - 900-0380801

제조업체부품명데이터시트상세설명
logo
Texas Instruments
900-0380801 TI1-900-0380801 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
900-0380801 TI1-900-0380801 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
More results

유사한 설명 - 900-0380801

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com