전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60211DGSG4 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TPS60211DGSG4
상세설명  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS60211DGSG4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPS60211DGSG4 Datasheet HTML 7Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 8Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 9Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 10Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 11Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 12Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 13Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 14Page - Texas Instruments TPS60211DGSG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TPS60210, TPS60211, TPS60212, TPS60213
REGULATED 3.3 V, LOW RIPPLE CHARGE PUMP
WITH ULTRALOW OPERATING CURRENT
SLVS296 − JUNE 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
TPS60210
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
3.0
2.9
2.8
2.7
1.6
2.0
2.4
2.8
3.1
3.2
3.4
3.2
3.6
3.3
1 mA
50 mA
100 mA
VI − Input Voltage − V
Figure 10
TPS60212
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
3.15
3.10
3.05
3.00
1.6
2.0
2.4
2.8
3.20
3.25
3.35
3.2
3.6
3.30
1 mA
25 mA
50 mA
VI − Input Voltage − V
Figure 11
30
28
24
22
20
38
26
1.6 1.8
2.0
2.2
2.4
2.6
2.8
34
32
36
V − Input Voltage − V
QUIESCENT SUPPLY CURRENT
vs
INPUT VOLTAGE
40
3.0
3.2
3.4
3.6
I
IO = 0 mA
SNOOZE = VI
Figure 12
0
10
20
30
40
50
60
70
0
0.2
0.4
0.6 0.8
1
1.2
1.4
1.6
1.8
2
QUIESCENT SUPPLY CURRENT
vs
OUTPUT CURRENT IN SNOOZE MODE
IO − Output Current − mA
VI = 2.4 V
SNOOZE = GND


유사한 부품 번호 - TPS60211DGSG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60211DGSG4 TI1-TPS60211DGSG4 Datasheet
994Kb / 26P
[Old version datasheet]   REGULATED 3.3 V, LOW-RIPPLE CHARGE PUMP WITH ULTRALOW OPERATING CURRENT
More results

유사한 설명 - TPS60211DGSG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com