전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS561208DDCR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS561208DDCR
상세설명  4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS561208DDCR 데이터시트(HTML) 3 Page - Texas Instruments

  TPS561208DDCR Datasheet HTML 1Page - Texas Instruments TPS561208DDCR Datasheet HTML 2Page - Texas Instruments TPS561208DDCR Datasheet HTML 3Page - Texas Instruments TPS561208DDCR Datasheet HTML 4Page - Texas Instruments TPS561208DDCR Datasheet HTML 5Page - Texas Instruments TPS561208DDCR Datasheet HTML 6Page - Texas Instruments TPS561208DDCR Datasheet HTML 7Page - Texas Instruments TPS561208DDCR Datasheet HTML 8Page - Texas Instruments TPS561208DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SW
VBST
VFB
GND
2
3
1
EN
4
6
5
VIN
TPS561201
3
TPS561201, TPS561208
www.ti.com
SLVSC95 – APRIL 2017
Product Folder Links: TPS561201 TPS561208
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DDC Package
6-Pin SOT
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
GND
1
Ground pin Source terminal of low-side power NFET as well as the ground terminal for controller circuit.
Connect sensitive VFB to this GND at a single point.
SW
2
Switch node connection between high-side NFET and low-side NFET.
VIN
3
Input voltage supply pin. The drain terminal of high-side power NFET.
VFB
4
Converter feedback input. Connect to output voltage with feedback resistor divider.
EN
5
Enable input control. Active high and must be pulled up to enable the device.
VBST
6
Supply input for the high-side NFET gate drive circuit. Connect 0.1-µF capacitor between VBST and SW pins.


유사한 부품 번호 - TPS561208DDCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
More results

유사한 설명 - TPS561208DDCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com