전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D-6021 데이터시트(PDF) 8 Page - TE Connectivity Ltd

부품명 D-6021
상세설명  Multiplex DataBus Box Couplers and Terminators Connectorized with D-6025 Connector Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

D-6021 데이터시트(HTML) 8 Page - TE Connectivity Ltd

Back Button D-6021 Datasheet HTML 4Page - TE Connectivity Ltd D-6021 Datasheet HTML 5Page - TE Connectivity Ltd D-6021 Datasheet HTML 6Page - TE Connectivity Ltd D-6021 Datasheet HTML 7Page - TE Connectivity Ltd D-6021 Datasheet HTML 8Page - TE Connectivity Ltd D-6021 Datasheet HTML 9Page - TE Connectivity Ltd D-6021 Datasheet HTML 10Page - TE Connectivity Ltd D-6021 Datasheet HTML 11Page - TE Connectivity Ltd D-6021 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MIL-STD-1553B Multiplex DataBus Box Couplers and
Terminators Connectorized with D-6025 Connector
Interface
D-6021
Revision A1
25-Mar-15
© 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved. TE Proprietary & Confidential Information.
If this document is printed, it becomes uncontrolled. Check for latest revision.
Page 8 of 14
Table I. Qualification Inspection
Test Group 1
Test Sequence
Requiremen
t Paragraph
Procedure
Paragraph
Visual examination
3.1, 3.4,
3.5, 3.7, 3.8
4.5.2
Functional tests
3.6.1
4.5.3
Insulation resistance
3.6.2
4.5.4
Dielectric strength
3.6.3
4.5.5
EMI shielding effectiveness
3.6.16
4.5.18
Temperature sock
3.6.4
4.5.6
Temperature altitude
3.6.5
4.5.7
Sinusoidal vibration
3.6.10
4.5.12
Random vibration
3.6.11
4.5.13
Mechanical shock
3.6.12
4.5.14
Dust (fine sand)*
3.6.13
4.5.15
Humidity*
3.6.14
4.5.16
Insulation resistance
3.6.2
4.5.4
Dielectric strength
3.6.3
4.5.5
Functional tests
3.6.1
4.5.3
Post test examination
3.6.17
4.5.19
Test Group 2
Test Sequence
Requiremen
t Paragraph
Procedure
Paragraph
Visual examination
3.1, 3.4,
3.5, 3.7, 3.8
4.5.2
Functional tests
3.6.1
4.5.3
Insulation resistance
3.6.2
4.5.4
Dielectric resistance
3.6.3
4.5.5
EMI shielding effectiveness
3.6.16
4.5.18
Rain*
3.6.8
4.5.10
Salt spray*
3.6.9
4.5.11
Altitude immersion*
3.6.6
4.5.8
Insulation resistance
3.6.2
4.5.4
Dielectric strength
3.6.3
4.5.5
Functional tests
3.6.1
4.5.3
Post test examination
3.6.17
4.5.19
* Environment resistant types only


유사한 부품 번호 - D-6021

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
D-602-0093 MACOM-D-602-0093 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-0094 MACOM-D-602-0094 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-00940095 MACOM-D-602-00940095 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-01040105 MACOM-D-602-01040105 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
D-602-0106 MACOM-D-602-0106 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
More results

유사한 설명 - D-6021

제조업체부품명데이터시트상세설명
logo
Premier Magnetics, Inc.
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
logo
ON Semiconductor
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
Hirose Electric
HSC-TM-P1 HIROSE-HSC-TM-P1 Datasheet
154Kb / 4P
   Optical Terminators
logo
NXP Semiconductors
68HC05X1 NXP-68HC05X1 Datasheet
6Mb / 104P
   SAEJ1850 PWM Serial Multiplex Interface (SMI)
REV 2.1
logo
Maxim Integrated Produc...
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
logo
Micronetics, Inc.
8165 MICRONETICS-8165 Datasheet
56Kb / 2P
   CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Winchester Electronics ...
300038 WINCHESTER-300038 Datasheet
52Kb / 2P
   Modular Adapters and Couplers
logo
SMSC Corporation
COM20051++ SMSC-COM20051+ Datasheet
348Kb / 92P
   Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com