전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA7805CKTTRG3 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 UA7805CKTTRG3
상세설명  Fixed Positive Voltage Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UA7805CKTTRG3 데이터시트(HTML) 6 Page - Texas Instruments

Back Button UA7805CKTTRG3 Datasheet HTML 2Page - Texas Instruments UA7805CKTTRG3 Datasheet HTML 3Page - Texas Instruments UA7805CKTTRG3 Datasheet HTML 4Page - Texas Instruments UA7805CKTTRG3 Datasheet HTML 5Page - Texas Instruments UA7805CKTTRG3 Datasheet HTML 6Page - Texas Instruments UA7805CKTTRG3 Datasheet HTML 7Page - Texas Instruments UA7805CKTTRG3 Datasheet HTML 8Page - Texas Instruments UA7805CKTTRG3 Datasheet HTML 9Page - Texas Instruments UA7805CKTTRG3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
uA7805, uA7808, uA7810
uA7812, uA7815, uA7824
SLVS056P – MAY 1976 – REVISED JANUARY 2015
www.ti.com
7.6 Electrical Characteristics — uA7808
at specified virtual junction temperature, VI = 14 V, IO = 500 mA (unless otherwise noted)
μA7808C
PARAMETER
TEST CONDITIONS
TJ
(1)
UNIT
MIN
TYP
MAX
25°C
7.7
8
8.3
IO = 5 mA to 1 A, VI = 10.5 V to 23 V,
Output voltage
V
PD ≤ 15 W
0°C to 125°C
7.6
8.4
VI = 10.5 V to 25 V
6
160
Input voltage regulation
25°C
mV
VI = 11 V to 17 V
2
80
VI = 11.5 V to 21.5 V, f = 120 Hz
55
72
Ripple rejection(2)
0°C to 125°C
dB
VI = 11.5 V to 21.5 V, f = 120 Hz
62
(KCT)
IO = 5 mA to 1.5 A
12
160
Output voltage regulation
25°C
mV
IO = 250 mA to 750 mA
4
80
Output resistance
f = 1 kHz
0°C to 125°C
0.016
Temperature coefficient of output voltage
IO = 5 mA
0°C to 125°C
–0.8
mV/°C
Output noise voltage
f = 10 Hz to 100 kHz
25°C
52
μV
Dropout voltage
IO = 1 A
25°C
2
V
Bias current
25°C
4.3
8
mA
VI = 10.5 V to 25 V
1
Bias current change
0°C to 125°C
mA
IO = 5 mA to 1 A
0.5
Short-circuit output current
25°C
450
mA
Peak output current
25°C
2.2
A
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across
the output.
(2)
This parameter is validated by design and verified during product characterization. It is not tested in production.
6
Submit Documentation Feedback
Copyright © 1976–2015, Texas Instruments Incorporated
Product Folder Links: uA7805 uA7808 uA7810 uA7812 uA7815 uA7824


유사한 부품 번호 - UA7805CKTTRG3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA7805CKTTRG3 TI1-UA7805CKTTRG3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKTTRG3 TI1-UA7805CKTTRG3 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results

유사한 설명 - UA7805CKTTRG3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCT TI1-UA7805CKCT Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
UA7800 TI1-UA7800_12 Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
logo
Diotec Semiconductor
DI78M05UAB DIOTEC-DI78M05UAB Datasheet
721Kb / 3P
   Positive Fixed Voltage Regulators Positive Festspannungs-Regler
Version 2021-09-30
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com