전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSCO-ETD34-1S-7P-T 데이터시트(PDF) 2 Page - Ferroxcube International Holding B.V.

부품명 CSCO-ETD34-1S-7P-T
상세설명  Dimensions for product: ETD34/17/11
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FERROXCUBE [Ferroxcube International Holding B.V.]
홈페이지  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CSCO-ETD34-1S-7P-T 데이터시트(HTML) 2 Page - Ferroxcube International Holding B.V.

  CSCO-ETD34-1S-7P-T_17 Datasheet HTML 1Page - Ferroxcube International Holding B.V. CSCO-ETD34-1S-7P-T_17 Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ETD34/17/11
Core
Product specifications
Power loss: 3C96
Measuring conditions
Unit
Max
100 kHz
W/set
3.400
200 mT
100 ºC
400 kHz
W/set
1.400
50 mT
100 ºC
Power loss: 3C97
Measuring conditions
Unit
Max
100 kHz
W/set
3.800
200 mT
60 ºC
100 kHz
W/set
3.700
200 mT
120 ºC
100 kHz
W/set
4.600
200 mT
140 ºC
Power loss: 3F36
Measuring conditions
Unit
Max
500 kHz
W/set
1.100
50 mT
100 ºC
500 kHz
W/set
8.800
100 mT
100 ºC
Power loss: 3F46
Measuring conditions
Unit
Max
1000 kHz
W/set
3.800
50 mT
100 ºC
3000 kHz
W/set
2.300
10 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C94
25 kHz
mT
330
250 A/m
100 ºC
3C95
25 kHz
mT
340
250 A/m
100 ºC
3C96
25 kHz
mT
330
250 A/m
100 ºC
3C97
25 kHz
mT
340
250 A/m
100 ºC
3F36
25 kHz
mT
330
250 A/m
100 ºC
3F46
Description
Accessories
Ordering code
Ordering name
CLI-ETD34
432202133892
Clip
CPH-ETD34-1S-14P
432202101641
Coil former, termoplastic, horizontal
CPH-ETD34-1S-14P
432202133852
Coil former, termoplastic, horizontal
CSCI-ETD34-1S-7P-T
432202104341
Coil former, termoset, coaxial, inner
CSCO-ETD34-1S-7P-T
432202104351
Coil former, termoset, coaxial, outer
2016


유사한 부품 번호 - CSCO-ETD34-1S-7P-T_17

제조업체부품명데이터시트상세설명
logo
Ferroxcube Internationa...
CSCO-ETD34-1S-7P-T FERROXCUBE-CSCO-ETD34-1S-7P-T Datasheet
66Kb / 1P
   CSCO-ETD34-1S-7P-T
More results

유사한 설명 - CSCO-ETD34-1S-7P-T_17

제조업체부품명데이터시트상세설명
logo
Ferroxcube Internationa...
CSCI-ETD34-1S-7P-T FERROXCUBE-CSCI-ETD34-1S-7P-T_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD34/17/11
CLI-ETD34 FERROXCUBE-CLI-ETD34_17 Datasheet
76Kb / 2P
   Dimensions for product: ETD34/17/11
CP-P18-11-1S-A FERROXCUBE-CP-P18-11-1S-A Datasheet
81Kb / 2P
   Dimensions for product: P18/11
CP-P18-11-2S FERROXCUBE-CP-P18-11-2S Datasheet
81Kb / 2P
   Dimensions for product: P18/11
BPL-D-CLM-C-P18-11-C FERROXCUBE-BPL-D-CLM-C-P18-11-C Datasheet
81Kb / 2P
   Dimensions for product: P18/11
CP-P18-11-1S FERROXCUBE-CP-P18-11-1S Datasheet
81Kb / 2P
   Dimensions for product: P18/11
CP-P18-11-3S-A FERROXCUBE-CP-P18-11-3S-A Datasheet
81Kb / 2P
   Dimensions for product: P18/11
BPL4-EC70-C FERROXCUBE-BPL4-EC70-C Datasheet
79Kb / 2P
   Dimensions for product: EC70/34/17
CP-EC70-1S FERROXCUBE-CP-EC70-1S_17 Datasheet
79Kb / 2P
   Dimensions for product: EC70/34/17
CP-EC35-1S FERROXCUBE-CP-EC35-1S_17 Datasheet
79Kb / 2P
   Dimensions for product: EC35/17/10
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com