전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD103AWS 데이터시트(PDF) 5 Page - Pan Jit International Inc.

부품명 SD103AWS
상세설명  SURFACE MOUNT SCHOTTKY BARRIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD103AWS 데이터시트(HTML) 5 Page - Pan Jit International Inc.

  SD103AWS_16 Datasheet HTML 1Page - Pan Jit International Inc. SD103AWS_16 Datasheet HTML 2Page - Pan Jit International Inc. SD103AWS_16 Datasheet HTML 3Page - Pan Jit International Inc. SD103AWS_16 Datasheet HTML 4Page - Pan Jit International Inc. SD103AWS_16 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PAGE . 5
April 14,2016-REV.04
SD103AWS~SD103CWS
Disclaimer
Reproducing and modifying information of the document is prohibited without permission
from Panjit International Inc..
Panjit International Inc. reserves the rights to make changes of the content herein the
document anytime without notification. Please refer to our website for the latest
document.
Panjit International Inc. disclaims any and all liability arising out of the application or use of
any product including damages incidentally and consequentially occurred.
Panjit International Inc. does not assume any and all implied warranties, including warranties
of fitness for particular purpose, non-infringement and merchantability.
Applications shown on the herein document are examples of standard use and operation.
Customers are responsible in comprehending the suitable use in particular applications.
Panjit International Inc. makes no representation or warranty that such applications will be
suitable for the specified use without further testing or modification.
The products shown herein are not designed and authorized for equipments requiring high
level of reliability or relating to human life and for any applications concerning life-saving
or life-sustaining, such as medical instruments, transportation equipment, aerospace
machinery et cetera. Customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Panjit International Inc. for any damages
resulting from such improper use or sale.
Since Panjit uses lot number as the tracking base, please provide the lot number for tracking
when complaining.


유사한 부품 번호 - SD103AWS_16

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SD103AWS DIODES-SD103AWS_1 Datasheet
406Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 14 - 2
logo
Formosa MS
SD103AWS FORMOSA-SD103AWS_11 Datasheet
90Kb / 7P
   350mA Surface Mount Small Signal Schottky Diode -20V-40v
logo
Micro Commercial Compon...
SD103AWS MCC-SD103AWS_13 Datasheet
188Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
logo
SeCoS Halbleitertechnol...
SD103AWS SECOS-SD103AWS_15 Datasheet
371Kb / 2P
   0.35AMP Surf ace Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
SD103AWS DIODES-SD103AWS_15 Datasheet
188Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

유사한 설명 - SD103AWS_16

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com