전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD107WS-AU 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 SD107WS-AU
상세설명  SURFACE MOUNT SCHOTTKY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD107WS-AU 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  SD107WS-AU Datasheet HTML 1Page - Pan Jit International Inc. SD107WS-AU Datasheet HTML 2Page - Pan Jit International Inc. SD107WS-AU Datasheet HTML 3Page - Pan Jit International Inc. SD107WS-AU Datasheet HTML 4Page - Pan Jit International Inc. SD107WS-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
May 12,2016-REV.05
SD107WS-AU
ELECTRICAL CHARACTERISTICS (each diode)(TJ =25°C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Breakdown Voltage
V(BR)
I R=10
μA30
-
-
V
Reverse Leakage Current
I R
VR=25V
-
-
1
μA
Forward Voltage
VF
I F=100mA
I F=2mA
I F=50mA
--
0.80
0.36
0.55
V
Total Capacitance
CJ
VR=10V,f=1.0MHZ
-3
7
pF
ELECTRICAL CHARACTERISTICS CURVE
J
J
J
J
J
J
J


유사한 부품 번호 - SD107WS-AU

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SD107WS-7 DIODES-SD107WS-7 Datasheet
62Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 4 - 2
SD107WS-7-F DIODES-SD107WS-7-F Datasheet
70Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 8 - 2
SD107WS-7-F DIODES-SD107WS-7-F Datasheet
93Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 December 2009
logo
List of Unclassifed Man...
SD107WS-TP ETC2-SD107WS-TP Datasheet
171Kb / 2P
   Halogen free available upon request by adding suffix
More results

유사한 설명 - SD107WS-AU

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAS40WS PANJIT-BAS40WS Datasheet
48Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD717WS PANJIT-MMBD717WS Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
MMBD770W PANJIT-MMBD770W Datasheet
166Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
logo
Weitron Technology
M5817 WEITRON-M5817 Datasheet
78Kb / 3P
   Surface Mount Schottky Diodes
MM18L WEITRON-MM18L Datasheet
210Kb / 3P
   Surface Mount Schottky Diodes
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com