전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS0130UFN2B_R1_00001 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 SS0130UFN2B_R1_00001
상세설명  SURFACE MOUNT SCHOTTKY BARRIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS0130UFN2B_R1_00001 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  SS0130UFN2B_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SS0130UFN2B_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SS0130UFN2B_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SS0130UFN2B_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SS0130UFN2B_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc. SS0130UFN2B_R1_00001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
April 19,2016-REV.01
SS0130UFN2B
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
30 V
100 mA
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Electrical identical standard JEDEC.
• High conductor
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: DFN0603, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.00001 ounces, 0.00028grams
• Polarity: Color band denotes cathode end
• Marking: U
CURRENT
Note.1 Mounted on a FR4 PCB, single-sided copper, mini pad.
1
2
Cathode
Anode
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
V
Maximum RMS Voltage
VRMS
21
V
Maximum DC Blocking Voltage
VR
30
V
Maximum Average Rectified Output Current
I F(AV)
100
mA
Power Dissipation
PD
250
mW
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
500
mA
Typical Thermal Resistance
(Note 1)
RΘJA
500
oC/W
Operating Junction Temperature Range And Storage Temperature Range
TJ,TSTG
-55 to + 150
oC


유사한 부품 번호 - SS0130UFN2B_R1_00001

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
More results

유사한 설명 - SS0130UFN2B_R1_00001

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com