전자부품 데이터시트 검색엔진 |
|
SS0840WS_R2_00001 데이터시트(PDF) 1 Page - Pan Jit International Inc. |
|
SS0840WS_R2_00001 데이터시트(HTML) 1 Page - Pan Jit International Inc. |
1 / 5 page PAGE . 1 April 19,2016-REV.02 SS0840WS SURFACE MOUNT SCHOTTKY BARRIER VOLTAGE 40 Volt 0.8 Ampere FEATURES • Low turn-on voltage • Fast switching • PN Junction Guard Ring for Transient and ESD Protection. • Lead free in compliance with EU RoHS 2011/65/EU directive • Green molding compound as per IEC61249 Std. . (Halogen Free) MECHANICAL DATA • Case: SOD-323, Plastic • Terminals: Solderable per MIL-STD-750, Method 2026 • Polarity: Color band denotes cathode end • Approx. Weight: 0.00014 ounces, 0.004 grams • Marking : GW MAXIMUM RATINGS (T A=25 oC unless otherwise noted) CURRENT ELECTRICAL CHARACTERISTICS (T A=25 oC unless otherwise noted) 1 2 Cathode Anode PA RA M E TE R S YM BO L VAL UE UNITS M a xi m um Ins t a nta neous F o r war d Vo ltage V F 0. 56@ 0 . 8A V M a xi mum Re ve rs e C urr e nt I R 100@ V R= 40V uA NOTE : 1.Mounted on a FR4 PCB, single-sided copper, mini pad. PA RAM ETER S Y M BO L VAL UE UNI T S M a xi mum R e cur r ent Pe ak R e ve r s e Vo l t age V RRM 40 V M a xi mum R M S Vo l t a g e V RM S 28 V M a xi mum D C B l o c k i ng Vo l t a g e V DC 40 V M a xi mum A ver age For w ar d C ur r ent I F( AV ) 0. 8 A P eak f o r w ar d sur ge cur r ent : 8. 3m s si ng l e ha lf s ine - w ave supe r i mp osed on r a t ed l oad I FSM 8A Ty pi cal Ther m a l Re s is t anc e ( Not e 1) R θJA 650 O C / W O per a t i ng Junc t i on and St or age Te mp er at ur e R a ng e T J ,T STG - 55 t o + 150 O C 0.078(1.95) 0.068(1.75) 0.054(1.35) 0.045(1.15) 0.107(2.7) 0.090(2.3) 0.012(0.30)MIN. 0.006(0.15) 0.002(0.05) 0.014(0.35) 0.009(0.25) 0.036(0.90) 0.027(0.70) |
유사한 부품 번호 - SS0840WS_R2_00001 |
|
유사한 설명 - SS0840WS_R2_00001 |