전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS1090VFL_R2_00001 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 SS1090VFL_R2_00001
상세설명  LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS1090VFL_R2_00001 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  SS1090VFL_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SS1090VFL_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SS1090VFL_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SS1090VFL_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. SS1090VFL_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
April 14,2016-REV.01
SS1090VFL
FEATURES
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Low power loss, high efficiency
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
90 Volt
1 Ampere
CURRENT
MECHANICAL DATA
• Case: SOD-123FL, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0006 ounces, 0.0173 grams
• Polarity:Color band denotes cathode end
• Marking: RD
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
NOTES:
1.Mounted on 48cm
2 FR-4 PCB
ABSOLUTE MAXIMUM RATINGS (TA=25
oC unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Breakdown Voltage
V(BR)
IR=1mA
90
-
-
V
Reverse Current
I R
VR=90 V-
-
100
μA
Forward Voltage
VF
IF=1.0A
-
0.68
0.73
V
Typical Junction Capacitance
CJ
VR=0V, f=1.0MHZ
-
203
-
pF
1
2
C athode
An od e
PAR AM E T E R
S YM BOL
VAL UE
UN IT S
Re ve r s e Vo ltage
V
R
90
V
P e a k Re ve r s e Vo ltage
V
RRM
90
V
A ve r age Re c ti fi ed C ur r e nt
I
O
1A
P e a k For war d S urge C ur rent:8 .3 m s s i ng le ha lf s i ne - wave
super i m pos ed on r a ted load
I
FS M
50
A
Typi cal Ther m a l Re s i s tanc e , Junc ti on to A m bi ent
( Note 1)
R
ΘJA
180
OC/W
Oper ati ng J unc ti o n Te m per atur e and S tor age Te m per atur e Ra ng e
T
J ,T STG
- 55 to + 150
OC
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)


유사한 부품 번호 - SS1090VFL_R2_00001

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SS1090VFL PANJIT-SS1090VFL Datasheet
172Kb / 5P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SS1090VFL_R2_00001

제조업체부품명데이터시트상세설명
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
   SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SL42 TAYCHIPST-SL42 Datasheet
15Mb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
STR15100YD PANJIT-STR15100YD Datasheet
298Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
May 9,2022
STR40100LCB PANJIT-STR40100LCB Datasheet
326Kb / 5P
   Surface Mount Low VF Schottky Barrier Rectifier
August 18,2022
logo
Shenzhen Luguang Electr...
SS810T LUGUANG-SS810T Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Barrier Rectifier
Revision:20230527-P2
logo
General Semiconductor
SL42 GE-SL42 Datasheet
104Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
B120SL PACELEADER-B120SL Datasheet
254Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SSL12 MIC-SSL12 Datasheet
95Kb / 8P
   SURFACE MOUNT Low VF SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SL12 YEASHIN-SL12 Datasheet
363Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SL12 KOOCHIN-SL12 Datasheet
220Kb / 2P
   SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com