전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC373M 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC373M
상세설명  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HC373M 데이터시트(HTML) 1 Page - Texas Instruments

  CD74HC373M Datasheet HTML 1Page - Texas Instruments CD74HC373M Datasheet HTML 2Page - Texas Instruments CD74HC373M Datasheet HTML 3Page - Texas Instruments CD74HC373M Datasheet HTML 4Page - Texas Instruments CD74HC373M Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CD54HC373, CD74HC373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCLS452A – FEBRUARY 2001 – REVISED APRIL 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 6-V VCC Operation
D Wide Operating Temperature Range of
–55
°C to 125°C
D Balanced Propagation Delays and
Transition Times
D Standard Outputs Drive up to 15 LS-TTL
Loads
D Significant Power Reduction Compared to
LS-TTL Logic ICs
description/ordering information
The ’HC373 devices are octal transparent D-type
latches designed for 2-V to 6-V VCC operation.
When the latch-enable (LE) input is high, the Q outputs follow the data (D) inputs. When LE is low, the Q outputs
are latched at the logic levels of the D inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high
or low) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines
significantly. The high-impedance state and increased drive provide the capability to drive bus lines without
interface or pullup components.
OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74HC373E
CD74HC373E
55
°Cto125°C
SOIC
M
Tube
CD74HC373M
HC373M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74HC373M96
HC373M
CDIP – F
Tube
CD54HC373F3A
CD54HC373F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
CD54HC373 ...F PACKAGE
CD74HC373 ...E OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OE
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
LE
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


유사한 부품 번호 - CD74HC373M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC373M TI-CD74HC373M Datasheet
53Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
NXP Semiconductors
CD74HC373M PHILIPS-CD74HC373M Datasheet
76Kb / 8P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
2001 Jun 13
logo
Harris Corporation
CD74HC373M HARRIS-CD74HC373M Datasheet
50Kb / 8P
   High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
Texas Instruments
CD74HC373M TI1-CD74HC373M Datasheet
901Kb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
CD74HC373M96 PHILIPS-CD74HC373M96 Datasheet
76Kb / 8P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
2001 Jun 13
More results

유사한 설명 - CD74HC373M

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com