전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC373M 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC373M
상세설명  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HC373M 데이터시트(HTML) 3 Page - Texas Instruments

  CD74HC373M Datasheet HTML 1Page - Texas Instruments CD74HC373M Datasheet HTML 2Page - Texas Instruments CD74HC373M Datasheet HTML 3Page - Texas Instruments CD74HC373M Datasheet HTML 4Page - Texas Instruments CD74HC373M Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CD54HC373, CD74HC373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCLS452A – FEBRUARY 2001 – REVISED APRIL 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
6
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VCC = 6 V
4.2
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VCC = 6 V
1.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2 V
1000
tt
Input transition (rise and fall) time
VCC = 4.5 V
500
ns
VCC = 6 V
400
TA
Operating free-air temperature
–55
125
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
2 V
1.9
1.9
1.9
IOH = –20 µA
4.5 V
4.4
4.4
4.4
VOH
VI = VIH or VIL
6 V
5.9
5.9
5.9
V
IOH = –6 mA
4.5 V
3.98
3.7
3.84
IOH = –7.8 mA
6 V
5.48
5.2
5.34
2 V
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.1
0.1
0.1
VOL
VI = VIH or VIL
6 V
0.1
0.1
0.1
V
IOL = 6 mA
4.5 V
0.26
0.4
0.33
IOL = 7.8 mA
6 V
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±1
±1
µA
IOZ
VO = VCC or 0
6 V
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
10
10
10
pF
Co
20
20
20
pF


유사한 부품 번호 - CD74HC373M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC373M TI-CD74HC373M Datasheet
53Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
NXP Semiconductors
CD74HC373M PHILIPS-CD74HC373M Datasheet
76Kb / 8P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
2001 Jun 13
logo
Harris Corporation
CD74HC373M HARRIS-CD74HC373M Datasheet
50Kb / 8P
   High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
Texas Instruments
CD74HC373M TI1-CD74HC373M Datasheet
901Kb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
CD74HC373M96 PHILIPS-CD74HC373M96 Datasheet
76Kb / 8P
   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
2001 Jun 13
More results

유사한 설명 - CD74HC373M

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com