전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25020L 데이터시트(PDF) 10 Page - Catalyst Semiconductor

부품명 CAT25020L
상세설명  1K/2K/4K SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25020L 데이터시트(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT25020L Datasheet HTML 3Page - Catalyst Semiconductor CAT25020L Datasheet HTML 4Page - Catalyst Semiconductor CAT25020L Datasheet HTML 5Page - Catalyst Semiconductor CAT25020L Datasheet HTML 6Page - Catalyst Semiconductor CAT25020L Datasheet HTML 7Page - Catalyst Semiconductor CAT25020L Datasheet HTML 8Page - Catalyst Semiconductor CAT25020L Datasheet HTML 9Page - Catalyst Semiconductor CAT25020L Datasheet HTML 10Page - Catalyst Semiconductor CAT25020L Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
CAT25010/20/40
Doc. No. 1006, Rev. L
Notes:
(1) The device used in the above example is a 25040SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel)
(2) CAT25010, CAT25020 only
ORDERING INFORMATION
Prefix
Device #
Suffix
25040
S
I
TE13
Product
Number
25020: 2K
25040: 4K
25010: 1K
Tape & Reel
TE13: 2000/Reel
Operating Voltage
Blank (V
cc=2.5 to 6.0V)
1.8 (V
cc=1.8 to 6.0V)
-1.8
CAT
Temperature Range
Blank = Commercial (0
°C to +70°C)
I = Industrial (-40
°C to +85°C)
A = Automotive (-40
°C to +105°C)
Optional
Company ID
E = Extended (-40
°C to +125°C)
Package
P = 8-pin PDIP
R = 8-pin MSOP2
S = 8-pin SOIC
U = 8-pin TSSOP
L = PDIP (Lead free, Halogen free)
V = SOIC, JEDEC (Lead free, Halogen free)
Y = TSSOP (Lead free, Halogen free)
Z = MSOP2 (Lead free, Halogen free)
Figure 10.
WP
WP
WP
WP
WP Timing
Note: Dashed Line= mode (1, 1) – ––––
CS
SCK
WP
WP
tWPS
tWPH


유사한 부품 번호 - CAT25020L

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT25020LA-GT3 CATALYST-CAT25020LA-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020LAT3 CATALYST-CAT25020LAT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020LE-GT3 CATALYST-CAT25020LE-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25020LE-GT3 ONSEMI-CAT25020LE-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25020LE-T3 ONSEMI-CAT25020LE-T3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
More results

유사한 설명 - CAT25020L

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com