전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB220S_AY_10001 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 SB220S_AY_10001
상세설명  SCHOTTKY BARRIER RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB220S_AY_10001 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  SB220S_AY_10001 Datasheet HTML 1Page - Pan Jit International Inc. SB220S_AY_10001 Datasheet HTML 2Page - Pan Jit International Inc. SB220S_AY_10001 Datasheet HTML 3Page - Pan Jit International Inc. SB220S_AY_10001 Datasheet HTML 4Page - Pan Jit International Inc. SB220S_AY_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
April 28,2016-REV.02
SB220S~SB2100S
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
Case: DO-41 Molded plastic
Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
Polarity: Color band denotes cathode
Weight: 0.012 ounces, 0.3grams
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 100 Volt
2 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
1
2
Cathode
Anode
NOTES:1. The testing condition of the thermal resistance ( junction to case and junction to lead ) is based on 9.5
mm lead length between two 10cm x 10cm
2.Mounted on a single-sided copper, mini pad.
PARAM ETER
SY M BO L
SB220S
SB230S SB240S SB250S SB260S SB280S SB2100 S
UNI TS
M a ximum Re c ur r ent Peak Re ve r s e Vo lt age
V
RRM
20
30
4 0
50
60
80
100
V
M a ximum RM S Vo lt a g e
V
RM S
14
21
2 8
35
42
56
7 0
V
M a ximum DC Blo c k ing Vo lt a g e
V
DC
20
30
4 0
50
60
80
100
V
M a ximum Aver age F o r w ar d Re ct if ie d Cur r ent 0. 37 5"( 9 . 5 mm) le ad
le ng t h
I
F( AV)
2A
Pe ak Fo r w a r d Sur ge Cur r ent : 8. 3ms s ing le ha lf s ine - w ave
s up e r impos ed on r a t e d
I
FS M
50
A
M a ximum Fo r w ar d Vo lt age a t 2A
V
F
0. 5
0 . 7
0. 85
V
M a ximum DC Re ve r s e Cur r e nt a t Ra t e d DC Blo c king
Vo lt age
T
J=2 5
O C
T
J= 100
O C
I
R
0. 5
20
mA
M a ximuml T he r ma l Re s is t ance
( Not es 2)
( Not es 1)
( Not es 1)
R
θJA
R
θJL
R
θJC
80
48
20
O C / W
O per a t ing J unc t ion Te mp er at ur e Ra ng e
T
J
- 50 t o + 1 25
- 50 t o + 150
O C
St or ag e Te mper at ur e Rang e
T
STG
- 50 t o + 150
O C
0.034(0.86)
0.028(0.71)
0.107(2.7)
0.080(2.0)


유사한 부품 번호 - SB220S_AY_10001

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
SB220S-T3 WTE-SB220S-T3 Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
SB220S-TB WTE-SB220S-TB Datasheet
54Kb / 4P
   2.0A SCHOTTKY BARRIER DIODE
logo
EIC discrete Semiconduc...
SB220S EIC-SB220S_05 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB220S VISHAY-SB220S_09 Datasheet
71Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
SB220S VISHAY-SB220S_15 Datasheet
79Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 20-Jan-14
More results

유사한 설명 - SB220S_AY_10001

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com