전자부품 데이터시트 검색엔진 |
|
CA0508ZPNPO0BN121 데이터시트(PDF) 3 Page - YAGEO Corporation |
|
CA0508ZPNPO0BN121 데이터시트(HTML) 3 Page - YAGEO Corporation |
3 / 17 page www.yageo.com Nov. 10, 2015 V.4 Surface-Mount Ceramic Multilayer Capacitors 3 17 Product specification 4C-Array NP0/X7R/Y5V 16 V to 50 V CONSTRUCTION The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (NiSn). The terminations are lead-free. An outline of the structure is shown in Fig.1. Fig. 1 Simplified outline O OU UT TL LIIN NE ES S For dimensions see Table 1 Fig. 2 Surface mounted multilayer ceramic capacitor dimension DIMENSIONS TYPE 0508 (4 X 0402) 0612 (4 X 0603) L (mm) 2.0 ± 0.15 3.2 ± 0.15 W (mm) 1.25 ± 0.15 1.60 ± 0.15 Tmin. (mm) 0.50 0.70 Tmax. (mm) 0.70 0.90 A (mm) 0.28 ± 0.10 0.4 ± 0.10 B (mm) 0.2 ± 0.10 0.3 ± 0.20 P (mm) 0.5 ± 0.10 0.8 ± 0.10 Table 1 |
유사한 부품 번호 - CA0508ZPNPO0BN121 |
|
유사한 설명 - CA0508ZPNPO0BN121 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |