전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS4301 데이터시트(PDF) 6 Page - Dallas Semiconductor

부품명 DS4301
상세설명  Nonvolatile, 32-Position Digital Potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DALLAS [Dallas Semiconductor]
홈페이지  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4301 데이터시트(HTML) 6 Page - Dallas Semiconductor

  DS4301 Datasheet HTML 1Page - Dallas Semiconductor DS4301 Datasheet HTML 2Page - Dallas Semiconductor DS4301 Datasheet HTML 3Page - Dallas Semiconductor DS4301 Datasheet HTML 4Page - Dallas Semiconductor DS4301 Datasheet HTML 5Page - Dallas Semiconductor DS4301 Datasheet HTML 6Page - Dallas Semiconductor DS4301 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Detailed Description
The DS4301 is a single nonvolatile digital potentiome-
ter. This 32-position linear potentiometer has an end-to-
end resistance of 200k
Ω, and operates over a wide
2.4V to 5.5V supply voltage range. The wiper position is
controlled by the three interface pins (U/D, CS, and
INC), and the wiper setting can be stored in EEPROM
on command.
Power-Up
On power-up, once a stable supply voltage of VCC MIN
has been reached, the stored wiper setting is loaded
from the EEPROM within tWLT. Also on power-up, the
DS4301 wiper control pins become active approximate-
ly tPU after a stable supply voltage of VCC MIN has
been reached.
Wiper Control
Adjusting the wiper of the DS4301 involves using the
three control pins (U/D, CS, and INC). See the Timing
Diagram in Figure 2. To enable wiper adjustment, a
high-to-low transition on the CS pin is required. Hold
CS low for the duration of the communication. Doing
this enables the INC pin to change the wiper position.
Set the U/D pin high to increment or low to decrement
the wiper position. The state of the U/D pin should be
set more than tDI before the INC signal is transitioned
from high to low. After the CS pin is active low, a high-
to-low transition on the INC pin moves the wiper in the
direction dictated by the U/D pin. Continue to pulse
INC (high to low) until the desired wiper position is
reached. On the last edge, hold the INC line low. With
the desired wiper position set, there are two ways to
proceed. One method terminates communication with-
out allowing the value of the current wiper position to
be written to the EEPROM. This is done by transitioning
the CS signal to the high state before bringing the INC
signal high. As long as the state of the CS pin is high
before the state of the INC pin goes high, the current
wiper setting is not written to EEPROM. Because the
current wiper setting was not stored to the NV memory,
the previously stored wiper setting, not the current
wiper setting, is loaded from memory if power is cycled
to the device
The other method is used to store a new wiper setting
in the EEPROM. This is done by bringing the state of
the INC pin high for a time of tIC before bringing the
state of the CS pin high. Once the states of both CS
and INC pins are high, the current wiper setting is
stored in EEPROM after a time of tWST. If power is
Nonvolatile, 32-Position Digital Potentiometer
6
_____________________________________________________________________
VCC
GND
CS
INC
U/D
CONTROL
LOGIC UNIT
NONVOLATILE
MEMORY
5-BIT
WIPER
SETTING
POS 31
POS 0
H
L
W
VCC
Figure 1. Block Diagram
CS
INC
U/D
tCI
tIL
tIH
tF
tIC
tWST
tCPH
tDI
tR
WIPER STORAGE
CONDITION
WIPER NON-STORAGE
CONDITION
WIPER POSITION
POSITION X
POSITION X + 1
POSITION X
tIW
tIW
tIK
POSITION X - 1
VIL
VIL
VIL
VIH
VIH
tCLP
Figure 2. Timing Diagram


유사한 부품 번호 - DS4301

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS4301U-200 MAXIM-DS4301U-200 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results

유사한 설명 - DS4301

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com