전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS71108SJ 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 GS71108SJ
상세설명  128K x 8 1Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

GS71108SJ 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  GS71108SJ Datasheet HTML 1Page - List of Unclassifed Manufacturers GS71108SJ Datasheet HTML 2Page - List of Unclassifed Manufacturers GS71108SJ Datasheet HTML 3Page - List of Unclassifed Manufacturers GS71108SJ Datasheet HTML 4Page - List of Unclassifed Manufacturers GS71108SJ Datasheet HTML 5Page - List of Unclassifed Manufacturers GS71108SJ Datasheet HTML 6Page - List of Unclassifed Manufacturers GS71108SJ Datasheet HTML 7Page - List of Unclassifed Manufacturers GS71108SJ Datasheet HTML 8Page - List of Unclassifed Manufacturers GS71108SJ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Rev: 1.04a 10/2002
5/14
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS71108ATP/J/SJ/U
AC Test Conditions
AC Characteristics
* These parameters are sampled and are not 100% tested
Read Cycle
Parameter
Symbol
-7
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
7
8
10
12
ns
Address access time
tAA
7
8
10
12
ns
Chip enable access time (CE)tAC
7
8
10
12
ns
Output enable to output valid (OE)tOE
—3—
3.5
4
5
ns
Output hold from address change
tOH
3—3—
3
3
ns
Chip enable to output in low Z (CE)tLZ*3
3
3
3
ns
Output enable to output in low Z (OE)tOLZ*0
0
0
0
ns
Chip disable to output in High Z (CE)tHZ*—
3.5
4
5
6
ns
Output disable to output in High Z (OE)tOHZ*—
3
3.5
4
5
ns
DQ
VT = 1.4 V
50
30pF1
DQ
3.3 V
Output Load 1
Output Load 2
589
434
5pF1
Note:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted.
3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ
Parameter
Conditions
Input high level
VIH = 2.4 V
Input low level
VIL = 0.4 V
Input rise time
tr = 1 V/ns
Input fall time
tf = 1 V/ns
Input reference level
1.4 V
Output reference level
1.4 V
Output load
Fig. 1& 2


유사한 부품 번호 - GS71108SJ

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS71108SJ-10 GSI-GS71108SJ-10 Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108SJ-10I GSI-GS71108SJ-10I Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108SJ-12 GSI-GS71108SJ-12 Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108SJ-12I GSI-GS71108SJ-12I Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
GS71108SJ-15 GSI-GS71108SJ-15 Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results

유사한 설명 - GS71108SJ

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71108ATP ETC2-GS71108ATP_06 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS71116TP ETC1-GS71116TP Datasheet
220Kb / 15P
   1Mb Asynchronous SRAM
GS71116ATP ETC1-GS71116ATP Datasheet
398Kb / 16P
   1Mb Asynchronous SRAM
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
logo
ON Semiconductor
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
logo
GSI Technology
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com