전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54FCT574ATDBG8 데이터시트(PDF) 5 Page - Integrated Device Technology

부품명 54FCT574ATDBG8
상세설명  FAST CMOS OCTAL D REGISTERS (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT574ATDBG8 데이터시트(HTML) 5 Page - Integrated Device Technology

  54FCT574ATDBG8 Datasheet HTML 1Page - Integrated Device Technology 54FCT574ATDBG8 Datasheet HTML 2Page - Integrated Device Technology 54FCT574ATDBG8 Datasheet HTML 3Page - Integrated Device Technology 54FCT574ATDBG8 Datasheet HTML 4Page - Integrated Device Technology 54FCT574ATDBG8 Datasheet HTML 5Page - Integrated Device Technology 54FCT574ATDBG8 Datasheet HTML 6Page - Integrated Device Technology 54FCT574ATDBG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT574T/AT/CT
FASTCMOSOCTALDREGISTERS(3-STATE)
5
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This limit is guaranteed but not tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL
FCT574AT
FCT574CT
Symbol Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
2
6.5
2
5.2
ns
tPHL
CP to Qx
RL = 500
Ω
tPZH
OutputEnableTime
1.5
6.5
1.5
5.5
ns
tPZL
tPHZ
OutputDisableTime
1.5
5.5
1.5
5
ns
tPLZ
tSU
Set-up Time, HIGH or LOW
2
2
ns
Dx to CP
tH
Hold Time, HIGH or LOW
1.5
1.5
ns
Dx to CP
tW
CP Pulse Width HIGH or LOW(3)
5—
5
ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - MILITARY
FCT574T
FCT574AT
FCT574CT
Symbol Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
2
11
2
7.2
2
6.2
ns
tPHL
CP to Qx
RL = 500
Ω
tPZH
OutputEnableTime
1.5
14
1.5
7.5
1.5
6.2
ns
tPZL
tPHZ
OutputDisableTime
1.5
8
1.5
6.5
1.5
5.7
ns
tPLZ
tSU
Set-up Time, HIGH or LOW
2
2
2
ns
Dx to CP
tH
Hold Time, HIGH or LOW
1.5
1.5
1.5
ns
Dx to CP
tW
CP Pulse Width HIGH or LOW(3)
7
6—
6—
ns


유사한 부품 번호 - 54FCT574ATDBG8

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574D NSC-54FCT574D Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574DMQB NSC-54FCT574DMQB Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574F NSC-54FCT574F Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574FMQB NSC-54FCT574FMQB Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results

유사한 설명 - 54FCT574ATDBG8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
   FAST CMOS OCTAL D REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
   FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com