전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54FCT574CTDBG8 데이터시트(PDF) 2 Page - Integrated Device Technology

부품명 54FCT574CTDBG8
상세설명  FAST CMOS OCTAL D REGISTERS (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

54FCT574CTDBG8 데이터시트(HTML) 2 Page - Integrated Device Technology

  54FCT574CTDBG8 Datasheet HTML 1Page - Integrated Device Technology 54FCT574CTDBG8 Datasheet HTML 2Page - Integrated Device Technology 54FCT574CTDBG8 Datasheet HTML 3Page - Integrated Device Technology 54FCT574CTDBG8 Datasheet HTML 4Page - Integrated Device Technology 54FCT574CTDBG8 Datasheet HTML 5Page - Integrated Device Technology 54FCT574CTDBG8 Datasheet HTML 6Page - Integrated Device Technology 54FCT574CTDBG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
2
IDT54/74FCT574T/AT/CT
FASTCMOSOCTALDREGISTERS(3-STATE)
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
8
9
10
OE
D0
D1
VCC
D3
D4
D5
D7
GND
Q0
Q3
Q1
Q2
Q4
Q7
Q5
Q6
CP
D2
D6
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
Q3
Q1
Q2
Q4
Q5
INDEX
D6
D2
D5
D3
D4
CERDIP/ SOIC/ TSSOP
TOP VIEW
LCC
TOP VIEW
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
NC = No Change
↑ = LOW-to-HIGH transition
FUNCTION TABLE(1)
Inputs
Outputs
Internal
Function
OE
CP
Dx
Qx
Qx
High-Z
H
L
X
Z
N C
HH
X
Z
N C
Load
L
LL
H
Register
L
HH
L
H
LZ
H
H
HZ
L
Pin Names
Description
Dx
D flip-flop data inputs
CP
Clock Pulse for the register. Enters data on LOW-to-
HIGH transition.
Q x
3-State Outputs (TRUE)
Q x
3-State Outputs (INVERTED)
OE
Active LOW 3-State Output Enable Input
PIN DESCRIPTION


유사한 부품 번호 - 54FCT574CTDBG8

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574D NSC-54FCT574D Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574DMQB NSC-54FCT574DMQB Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574F NSC-54FCT574F Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574FMQB NSC-54FCT574FMQB Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results

유사한 설명 - 54FCT574CTDBG8

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
   FAST CMOS OCTAL D REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
   FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com