전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSE2004GB2C0NCG 데이터시트(PDF) 6 Page - Integrated Device Technology

부품명 TSE2004GB2C0NCG
상세설명  DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

TSE2004GB2C0NCG 데이터시트(HTML) 6 Page - Integrated Device Technology

Back Button TSE2004GB2C0NCG Datasheet HTML 2Page - Integrated Device Technology TSE2004GB2C0NCG Datasheet HTML 3Page - Integrated Device Technology TSE2004GB2C0NCG Datasheet HTML 4Page - Integrated Device Technology TSE2004GB2C0NCG Datasheet HTML 5Page - Integrated Device Technology TSE2004GB2C0NCG Datasheet HTML 6Page - Integrated Device Technology TSE2004GB2C0NCG Datasheet HTML 7Page - Integrated Device Technology TSE2004GB2C0NCG Datasheet HTML 8Page - Integrated Device Technology TSE2004GB2C0NCG Datasheet HTML 9Page - Integrated Device Technology TSE2004GB2C0NCG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
©2017 Integrated Device Technology, Inc.
May 15, 2017
TSE2004GB2C0 Datasheet
Serial Communications
The TSE2004GB2C0 includes a 4 kilobit serial EEPROM organized as two pages of 256 bytes each, or 512 bytes of total memory. Each
page is comprised of two 128 byte blocks. The device is able to selectively lock the data in any or all of the four 128-byte blocks.
Designed specifically for use in DRAM DIMMs (Dual Inline Memory Modules) with Serial Presence Detect, all the information concerning
the DRAM module configuration (such as its access speed, its size, its organization) can be kept write protected in one or more of the
blocks of memory.
The TSE2004GB2C0 is protocol compatible with previous generation 2Kbit devices such as the TSE2002. The page selection method
allows commands used with legacy devices such as TSE2002 to be applied to the lower or upper pages of the TSE2004GB2C0. In this
way, the TSE2004GB2C0 may be used in legacy applications without software changes. Minor exceptions to this compatibility, such as
elimination of the Permanent Write Protect feature are documented.
Individually locking a 128-byte block of the SPD may be accomplished using a software write protection mechanism in conjunction with a
high input voltage VHV on input SA0. By sending the device a specific SMBus sequence, each block may be protected from writes until
Write protection is electrically reversed using a separate SMBus sequence, which also requires VHV on input SA0. Write protection for all
four blocks is cleared simultaneously, and Write protection may be reasserted after being cleared.
The Thermal Sensor (TS) section of the TSE2004GB2C0 continuously monitors the temperature, and updates the temperature data a
minimum of eight times per second. Temperature data is latched internally by the device and may be read by software from the bus host
at any time.
Internal registers are used to configure both the TS performance and response to over-temperature conditions. The device contains
programmable high, low, and critical temperature limits. Finally, the device EVENT_n pin can be configured as active high or active low,
and can be configured to operate as an interrupt or as a comparator output.
Figure 5. Device Diagram
SDA
VSSSPD
SCL
SA0
SA1
SA2
SPD
EVENT_n
VDDSPD


유사한 부품 번호 - TSE2004GB2C0NCG

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
TSE2004GB2C0NCG RENESAS-TSE2004GB2C0NCG Datasheet
1Mb / 35P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
TSE2004GB2C0NCG8 RENESAS-TSE2004GB2C0NCG8 Datasheet
1Mb / 35P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
More results

유사한 설명 - TSE2004GB2C0NCG

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
TSE2004GB2C0 RENESAS-TSE2004GB2C0 Datasheet
1Mb / 35P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Module
May 10, 2018
TSE2004GB2B0 RENESAS-TSE2004GB2B0 Datasheet
1Mb / 32P
   DDR4 Temperature Sensor with Integrated 4Kbit EEPROM for Memory Modules
May 9, 2018
TSE2002GB2A1 RENESAS-TSE2002GB2A1 Datasheet
540Kb / 31P
   Temperature Sensor with Integrated EEPROM for Memory Integrated EEPROM for Memory
July 17, 2012
TSE2002B3C RENESAS-TSE2002B3C Datasheet
621Kb / 31P
   Temperature Sensor with Integrated EEPROM for Memory Modules
May 12, 2010
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
MCP98244 MICROCHIP-MCP98244_V01 Datasheet
1Mb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com