전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP21N60L 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRFP21N60L
상세설명  SMPS MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP21N60L 데이터시트(HTML) 3 Page - International Rectifier

  IRFP21N60L Datasheet HTML 1Page - International Rectifier IRFP21N60L Datasheet HTML 2Page - International Rectifier IRFP21N60L Datasheet HTML 3Page - International Rectifier IRFP21N60L Datasheet HTML 4Page - International Rectifier IRFP21N60L Datasheet HTML 5Page - International Rectifier IRFP21N60L Datasheet HTML 6Page - International Rectifier IRFP21N60L Datasheet HTML 7Page - International Rectifier IRFP21N60L Datasheet HTML 8Page - International Rectifier IRFP21N60L Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRFP21N60L
www.irf.com
3
Fig 4. Normalized On-Resistance
vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.001
0.01
0.1
1
10
100
1000
5.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.5V
6.0V
BOTTOM
5.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
5.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
12V
10V
8.0V
7.0V
6.5V
6.0V
BOTTOM
5.5V
4
6
8
10
12
14
16
VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 50V
20µs PULSE WIDTH
-60 -40 -20
0
20
40
60
80 100 120 140 160
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 21A
VGS = 10V


유사한 부품 번호 - IRFP21N60L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP21N60L VISHAY-IRFP21N60L Datasheet
162Kb / 8P
   Power MOSFET
S-81273-Rev. B, 16-Jun-08
logo
Inchange Semiconductor ...
IRFP21N60L ISC-IRFP21N60L Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP21N60L VISHAY-IRFP21N60L Datasheet
237Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFP21N60LPBF IRF-IRFP21N60LPBF Datasheet
234Kb / 9P
   SMPS MOSFET
logo
Vishay Siliconix
IRFP21N60LPBF VISHAY-IRFP21N60LPBF Datasheet
162Kb / 8P
   Power MOSFET
S-81273-Rev. B, 16-Jun-08
More results

유사한 설명 - IRFP21N60L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com