전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP101 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP101
상세설명  Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP101 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TMP101 Datasheet HTML 2Page - Texas Instruments TMP101 Datasheet HTML 3Page - Texas Instruments TMP101 Datasheet HTML 4Page - Texas Instruments TMP101 Datasheet HTML 5Page - Texas Instruments TMP101 Datasheet HTML 6Page - Texas Instruments TMP101 Datasheet HTML 7Page - Texas Instruments TMP101 Datasheet HTML 8Page - Texas Instruments TMP101 Datasheet HTML 9Page - Texas Instruments TMP101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
TMP100-Q1, TMP101-Q1
SBOS581A – SEPTEMBER 2011 – REVISED MAY 2017
www.ti.com
Product Folder Links: TMP100-Q1 TMP101-Q1
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
7.6 Timing Requirements
PARAMETER
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
0.4
2
MHz
t(BUF)
Bus free time between STOP and START condition
1300
160
ns
t(HDSTA)
Hold time after repeated START condition.
After this period, the first clock is generated.
600
160
ns
t(SUSTA)
Repeated START condition setup time
600
160
ns
t(SUSTO)
STOP condition setup time
600
160
ns
t(HDDAT)
Data hold time
20
900
20
170
ns
t(SUDAT)
Data setup time
100
20
ns
t(LOW)
SCL clock LOW period
1300
360
ns
t(HIGH)
SCL clock HIGH period
600
60
ns
tRC, tFC
Clock rise and fall time
300
40
ns
tRD, tFD
Data rise and fall time
300
170
ns


유사한 부품 번호 - TMP101

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP101 TI-TMP101 Datasheet
221Kb / 10P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101 TI-TMP101 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP101 TI-TMP101 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI-TMP101-Q1 Datasheet
229Kb / 20P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

유사한 설명 - TMP101

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
[Old version datasheet]   TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
   1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
Texas Instruments
TMP175 TI1-TMP175_15 Datasheet
981Kb / 33P
[Old version datasheet]   TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com