전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G3157DRLRG4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 74LVC1G3157DRLRG4
상세설명  Single-Pole Double-Throw Analog Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G3157DRLRG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button 74LVC1G3157DRLRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 9Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 10Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 11Page - Texas Instruments 74LVC1G3157DRLRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
SN74LVC1G3157
SCES424L – JANUARY 2003 – REVISED MAY 2017
www.ti.com
Product Folder Links: SN74LVC1G3157
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
(1)
Set fin to 0 dBm and provide a bias of 0.4 V. Increase fin frequency until the gain is 3 dB below the insertion loss.
(2)
Set fin to 0 dBm and provide a bias of 0.4 V.
6.6 Analog Switch Characteristics
TA = 25°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
VCC
TYP
UNIT
Frequency response(1)
(switch on)
A or Bn
Bn or A
RL = 50 Ω, fin = sine wave
(see Figure 6)
1.65 V
340
MHz
2.3 V
340
3 V
340
4.5 V
340
Crosstalk(2)
(between switches)
B1 or B2
B2 or B1
RL = 50 Ω, fin = 10 MHz (sine wave)
(see Figure 7)
1.65 V
–54
dB
2.3 V
–54
3 V
–54
4.5 V
–54
Feed through
attenuation(2)
(switch off)
A or Bn
Bn or A
CL = 5 pF, RL = 50 Ω,
fin = 10 MHz (sine wave)
(see Figure 8)
1.65 V
–57
dB
2.3 V
–57
3 V
–57
4.5 V
–57
Charge injection
S
A
CL = 0.1 nF, RL = 1 MΩ
(see Figure 9)
3.3 V
3
pC
5 V
7
Total harmonic distortion
A or Bn
Bn or A
VI = 0.5 Vp-p, RL = 600 Ω,
fin = 600 Hz to 20 kHz (sine wave)
(see Figure 10)
1.65 V
0.1%
2.3 V
0.025%
3 V
0.015%
4.5 V
0.01%


유사한 부품 번호 - 74LVC1G3157DRLRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVC1G3157DRLRG4 TI-74LVC1G3157DRLRG4 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
74LVC1G3157DRLRG4 TI-74LVC1G3157DRLRG4 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
74LVC1G3157DRLRG4 TI1-74LVC1G3157DRLRG4 Datasheet
1Mb / 35P
[Old version datasheet]   SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
More results

유사한 설명 - 74LVC1G3157DRLRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157_17 Datasheet
153Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com