전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74SSTV16859DGGRG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 74SSTV16859DGGRG4
상세설명  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74SSTV16859DGGRG4 데이터시트(HTML) 1 Page - Texas Instruments

  74SSTV16859DGGRG4 Datasheet HTML 1Page - Texas Instruments 74SSTV16859DGGRG4 Datasheet HTML 2Page - Texas Instruments 74SSTV16859DGGRG4 Datasheet HTML 3Page - Texas Instruments 74SSTV16859DGGRG4 Datasheet HTML 4Page - Texas Instruments 74SSTV16859DGGRG4 Datasheet HTML 5Page - Texas Instruments 74SSTV16859DGGRG4 Datasheet HTML 6Page - Texas Instruments 74SSTV16859DGGRG4 Datasheet HTML 7Page - Texas Instruments 74SSTV16859DGGRG4 Datasheet HTML 8Page - Texas Instruments 74SSTV16859DGGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN74SSTV16859
13BIT TO 26BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES297D − FEBRUARY 2000 − REVISED AUGUST 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D 1-to-2 Outputs to Support Stacked DDR
DIMMs
D Supports SSTL_2 Data Inputs
D Outputs Meet SSTL_2 Class II
Specifications
D Differential Clock (CLK and CLK) Inputs
D Supports LVCMOS Switching Levels on the
RESET Input
D RESET Input Disables Differential Input
Receivers, Resets All Registers, and
Forces All Outputs Low
D Pinout Optimizes DIMM PCB Layout
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
description/ordering information
This 13-bit to 26-bit registered buffer is designed
for 2.3-V to 2.7-V VCC operation.
All inputs are SSTL_2, except the LVCMOS reset
(RESET) input. All outputs are SSTL_2, Class II
compatible.
The SN74SSTV16859 operates from a differential
clock (CLK and CLK). Data are registered at the
crossing of CLK going high and CLK going low.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGQ
(Tin−Pb Finish)
Tape and reel
SN74SSTV16859RGQR
SS859
0
°C to 70°C
QFN − RGQ
(Matte−Tin Finish)
Tape and reel
SN74SSTV16859RGQ8
SS859
TSSOP − DGG
Tape and reel
SN74SSTV16859DGGR
SSTV16859
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Widebus is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Q13A
Q12A
Q11A
Q10A
Q9A
VDDQ
GND
Q8A
Q7A
Q6A
Q5A
Q4A
Q3A
Q2A
GND
Q1A
Q13B
VDDQ
Q12B
Q11B
Q10B
Q9B
Q8B
Q7B
Q6B
GND
VDDQ
Q5B
Q4B
Q3B
Q2B
Q1B
VDDQ
GND
D13
D12
VCC
VDDQ
GND
D11
D10
D9
GND
D8
D7
RESET
GND
CLK
CLK
VDDQ
VCC
VREF
D6
GND
D5
D4
D3
GND
VDDQ
VCC
D2
D1
GND
VDDQ
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - 74SSTV16859DGGRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74SSTV16859DGGRG4 TI-74SSTV16859DGGRG4 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
74SSTV16859DGGRG4 TI1-74SSTV16859DGGRG4 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results

유사한 설명 - 74SSTV16859DGGRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Integrated Device Techn...
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859_07 Datasheet
80Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859 IDT-IDT74SSTVN16859 Datasheet
65Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com