전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES1DL 데이터시트(PDF) 2 Page - HY ELECTRONIC CORP.

부품명 ES1DL
상세설명  SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HY [HY ELECTRONIC CORP.]
홈페이지  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ES1DL 데이터시트(HTML) 2 Page - HY ELECTRONIC CORP.

  ES1DL Datasheet HTML 1Page - HY ELECTRONIC CORP. ES1DL Datasheet HTML 2Page - HY ELECTRONIC CORP. ES1DL Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
ES1AL thru ES1GL
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 13-Mar-2017
25
50
75
100
125
150
175
1.0
0.8
0.6
0.4
0.2
0
SINGLE PHASE HALF WAVE 60HZ
RESISTIVE OR INDUCTIVE LOAD
FIG. 1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE ℃
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
30
10
0
20
PULSE WIDTH 8.3mS
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
TJ=25°C
PULSE WIDTH 300US
1% DUTY CYCLE
10
1.0
0.1
0.01
0
0.2 0.4
0.6 0.8
1.0 1.2 1.4
1.6
1.8
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
ES1AL - ES1DL
ES1FL - ES1GL
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
100
10
1.0
0.1
020
40
60
80
100
120
TJ=25
TJ=100


유사한 부품 번호 - ES1DL

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
ES1DL TSC-ES1DL Datasheet
307Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1DL TSC-ES1DL Datasheet
461Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
ES1DL TSC-ES1DL Datasheet
198Kb / 2P
   1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1DL DACHANG-ES1DL Datasheet
131Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Taiwan Semiconductor Co...
ES1DL TSC-ES1DL Datasheet
380Kb / 4P
   Surface Mount Super Fast Rectifiers
More results

유사한 설명 - ES1DL

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF108 LRC-EFMAF108_15 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMBF208 LRC-EFMBF208_15 Datasheet
243Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMA280 LRC-EFMA280_15 Datasheet
220Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFM108 LRC-EFM108_15 Datasheet
179Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
RS2MBF LRC-RS2MBF_15 Datasheet
253Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF280 LRC-EFMAF280_15 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFM106 LRC-EFM106_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
logo
PACELEADER INDUSTRIAL
SFM101 PACELEADER-SFM101 Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com