전자부품 데이터시트 검색엔진 |
|
MC18FA511J-F 데이터시트(PDF) 7 Page - Cornell Dubilier Electronics |
|
MC18FA511J-F 데이터시트(HTML) 7 Page - Cornell Dubilier Electronics |
7 / 10 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Types MC and MCN Multilayer RF Capacitors 7 Quality Factor (Q) is as fol- lows when measured at 1 MHz Insulation Resistance is no less than 100 GΩ when measured at 100 Vdc Withstanding voltage is two times the rated voltage between 5 seconds and without damage: with 50 mA or less current. Life Test: Subject capacitors to 125 ºC ±3 ºC with 1.5 times rated voltage applied for 2000 (+72, –0) hours. There will be no visual dam- age and the capacitors will meet the limits of the table below. Vibration Resistance: Subject the capacitors to simple harmonic motion with an amplitude of 0.06 inches; vary the frequency uniformly from 10 to 55 Hz and return to 10 Hz, all in one minute. Repeat that cycle continuously for two hours in Temperature Coefficient and Drift: Measure the capacitors’ capacitance at 25 ºC, –55 ºC, 25 ºC, 125 ºC and at 25 ºC— all ±3 ºC — after stabilizing at each temperature. The capacitor will meet the limits of the Characteristic table in Ordering Information. Heat Resistance: Subject the capacitors to 125 ±2 ºC for 2 (+1,–0) hours. Then the insulation resistance will be no less than 5GΩ. Solderability: After 2 ±0.5 sec- onds in molten solder with Sn-PB between molten and solder at 235 ±5 ºC, solder coverage will be no less than 75% when examined at 10X magnification for flow soldering. Solder Heat Resistance: Sub- ject the capacitors to molten solder at 250±5 ºC for 5±0.5 seconds after 10 to 30 seconds pre-heating at 80 to 120 ºC. There will be no visual damage and the capacitors will meet the limits of the table below. After-Test Limits Test Withstand Insulation Capacitance DF Q Voltage Resistance (whichever >) Life Test IL IL IV ±2% or ±.5 pF 150% max IL 2/3 x IL Vibration Resistance IL 30 GΩ IV ±1% or ±1 pF IL IL Bending Test IL IV ±.5% or ±1 pF IL Moisture Res. IL 30 GΩ IV ±3% or ±.5 pF 150% max IL 2/3 x IL Solderability IL IL IL IL IL Heat Resistance 5 GΩ Solder Heat Res. IL 30 GΩ IV ±.5% or ±1 pF IL IL Capacitance Min. Q Range 1 to 80 pF 500 to 3000 >80 pF 3000 Specifications each of three mutually perpendicular directions. There will be no visual damage and the capacitors will meet the limits of the table below. B ending Test: Mount the capaci- tor as shown below and press the ram bar until a 2.0 mm deflection is achieved. There will be no visual damage and the capacitors will meet the limits of methods JIS 5102 8.11 and AEC-Q200-005 without crack- ing or visual damage. Moisture Resistance: Subject the capacitors to 40 ±2 ºC at 90 to 95% humidity for 500 (+24, –0) hours. Return to room ambient for 24 hours. There will be no visual damage and the capacitors will meet the limits of the table below. |
유사한 부품 번호 - MC18FA511J-F |
|
유사한 설명 - MC18FA511J-F |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |