전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC18FD301J-F 데이터시트(PDF) 1 Page - Cornell Dubilier Electronics

부품명 MC18FD301J-F
상세설명  High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDE [Cornell Dubilier Electronics]
홈페이지  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MC18FD301J-F 데이터시트(HTML) 1 Page - Cornell Dubilier Electronics

  MC18FD301J-F Datasheet HTML 1Page - Cornell Dubilier Electronics MC18FD301J-F Datasheet HTML 2Page - Cornell Dubilier Electronics MC18FD301J-F Datasheet HTML 3Page - Cornell Dubilier Electronics MC18FD301J-F Datasheet HTML 4Page - Cornell Dubilier Electronics MC18FD301J-F Datasheet HTML 5Page - Cornell Dubilier Electronics MC18FD301J-F Datasheet HTML 6Page - Cornell Dubilier Electronics MC18FD301J-F Datasheet HTML 7Page - Cornell Dubilier Electronics MC18FD301J-F Datasheet HTML 8Page - Cornell Dubilier Electronics MC18FD301J-F Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Types MC and MCN Multilayer RF Capacitors
1
Highlights
Voltages:
Capacitance Range:
Capacitance Tolerance:
Temperature Range:
Case Sizes:
Rugged flexibility and compatibility with FR4 boards make Type
MC and MCN capacitors ideal for use where other multilayer
caps aren’t recommended because of cracking. The natural
mica dielectric retains its high-Q to many megahertz, so higher
frequency applications are limited by the circuit inductance,
not the Type MC capacitor. Nonmagnetic Type MCN chips are
available for MRI and other high frequency applications that often
use more expensive porcelain ceramic chips.
High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
Specifications
100 Vdc, 500 Vdc, and 1000 Vdc
0.5 pF to 2,200 pF
±0.1pF to ±5%
–55 ºC to +125 ºC
0805, 1210, 1812, and 2220
• Extremely high Q at UHF/VHF frequencies
• Free from thermal cracking, FR4 compatible
• Wave solderable
• Nonmagnetic option
• Exceed 2 mm bend test
• Better than porcelain
• High RF current — dV/dt 20,000 V/µs
• Rock stable: No change with time, V & f
Applications
• MRI Coils and Generators
• RF Instruments
• Power Amplifiers
• Tuned LCR Circuits
• CATV
• Ground and Flight Mobile Radio
• Lasers
• Software - Defined Frequency-Hopping Radio
Cap
Catalog
Case
Cap
Catalog
Case
Cap
Catalog
Case
(pF)
Part Number
Type
(pF)
Part Number
Type
(pF)
Part Number
Type
100 Vdc
100 Vdc
100 Vdc
0.5
MC08CA0R5D-F
0805
68
MC08FA680J-F
0805
360
MC12FA361J-F
1210
1.0
MC08CA010D-F
0805
75
MC08FA750J-F
0805
390
MC12FA391J-F
1210
2.0
MC08CA020D-F
0805
82
MC08FA820J-F
0805
430
MC12FA431J-F
1210
3.0
MC08CA030D-F
0805
91
MC08FA910J-F
0805
250
MC18FA251J-F
1812
4.0
MC08CA040D-F
0805
100
MC08FA101J-F
0805
270
MC18FA271J-F
1812
5.0
MC08CA050D-F
0805
47
MC12FA470J-F
1210
300
MC18FA301J-F
1812
6.0
MC08CA060D-F
0805
50
MC12FA500J-F
1210
330
MC18FA331J-F
1812
7.0
MC08CA070D-F
0805
51
MC12FA510J-F
1210
360
MC18FA361J-F
1812
8.0
MC08CA080D-F
0805
56
MC12FA560J-F
1210
390
MC18FA391J-F
1812
9.0
MC08CA090D-F
0805
62
MC12FA620J-F
1210
430
MC18FA431J-F
1812
10.0
MC08CA100D-F
0805
68
MC12FA680J-F
1210
470
MC18FA471J-F
1812
12.0
MC08EA120J-F
0805
75
MC12FA750J-F
1210
500
MC18FA501J-F
1812
15.0
MC08EA150J-F
0805
82
MC12FA820J-F
1210
510
MC18FA511J-F
1812
18.0
MC08EA180J-F
0805
91
MC12FA910J-F
1210
560
MC18FA561J-F
1812
20.0
MC08EA200J-F
0805
100
MC12FA101J-F
1210
620
MC18FA621J-F
1812
22.0
MC08EA220J-F
0805
110
MC12FA111J-F
1210
680
MC18FA681J-F
1812
24.0
MC08EA240J-F
0805
120
MC12FA121J-F
1210
750
MC18FA751J-F
1812
27.0
MC08EA270J-F
0805
130
MC12FA131J-F
1210
820
MC18FA821J-F
1812
30.0
MC08EA300J-F
0805
150
MC12FA151J-F
1210
910
MC22FA911J-F
2220
33.0
MC08FA330J-F
0805
160
MC12FA161J-F
1210
1000
MC22FA102J-F
2220
36.0
MC08FA360J-F
0805
180
MC12FA181J-F
1210
1100
MC22FA112J-F
2220
39.0
MC08FA390J-F
0805
200
MC12FA201J-F
1210
1200
MC22FA122J-F
2220
43.0
MC08FA430J-F
0805
220
MC12FA221J-F
1210
1500
MC22FA152J-F
2220
47.0
MC08FA470J-F
0805
240
MC12FA241J-F
1210
1800
MC22FA182J-F
2220
50.0
MC08FA500J-F
0805
250
MC12FA251J-F
1210
2000
MC22FA202J-F
2220
51.0
MC08FA510J-F
0805
270
MC12FA271J-F
1210
2200
MC22FA222J-F
2220
56.0
MC08FA560J-F
0805
300
MC12FA301J-F
1210
62.0
MC08FA620J-F
0805
330
MC12FA331J-F
1210
RoHS Compliant
Ratings


유사한 부품 번호 - MC18FD301J-F

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
MC18FD301J-F CDE-MC18FD301J-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
More results

유사한 설명 - MC18FD301J-F

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
MC08CA0R5D-F CDE-MC08CA0R5D-F Datasheet
431Kb / 9P
   Multilayer RF Capacitors High-Frequency, High-Power, High-Voltage Chips with Nonmagnetic Option
logo
AVX Corporation
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1808GC222KAT1A AVX-1808GC222KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812HA101JAT1A AVX-1812HA101JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812SA101KAT1A AVX-1812SA101KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1825CA103JAT1A AVX-1825CA103JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
logo
Silan Microelectronics ...
3VD324600YL SILAN-3VD324600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD186700YL SILAN-3VD186700YL Datasheet
79Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD182600YL SILAN-3VD182600YL Datasheet
28Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD297600YL SILAN-3VD297600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com