전자부품 데이터시트 검색엔진 |
|
TDC227006WSG-F 데이터시트(PDF) 3 Page - Cornell Dubilier Electronics |
|
TDC227006WSG-F 데이터시트(HTML) 3 Page - Cornell Dubilier Electronics |
3 / 5 page Type TDC Solid Tantalum Capacitors CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com * Indicates capacitance tolerance: K = ±10%, M = ±20%, (J = ±5%, Special Order) CDE reserves the right to substitute a tighter tolerance, higher voltage capacitor within the same case size. Dimensions - Inches (Millimeters) Case Leads Code D (Max.) H (Max.) S Code E .175 (4.45) .350 (8.89) .125 (3.17) (Standard) N .250 (6.35) (Special) W F .250 (6.35) .500 (12.7) .125 (3.17) (Standard) N .250 (6.35) (Special) W G .350 (8.89) .650 (16.51) .250 (6.35) (Special) W Max. Max. DF Max. Max. DF Catalog Case Lead DCL @ +25 ºC Catalog Case Lead DCL @ +25 ºC Cap Part Number Code Spacing @ +25 ºC 120 Hz Cap Part Number Code Spacing @ +25 ºC 120 Hz (µF) (S) (µA) (%) (µF) (S) (µA) (%) 16 WVdc; 20 Vdc Surge @ 85 ºC 20 WVdc; 26 Vdc Surge @ 85 ºC 10 WVdc; 12 Vdc Surge @ 125 ºC 13 WVdc; 16 Vdc Surge @ 125 ºC 1.5 TDC155*016NSE-F E 0.125 0.5 5 8.2 TDC825*020NSF-F F 0.125 1.3 6 1.8 TDC185*016NSE-F E 0.125 0.5 5 10 TDC106*020NSF-F F 0.125 1.6 6 2.2 TDC225*016NSE-F E 0.125 0.5 5 12 TDC126*020NSF-F F 0.125 1.9 6 2.7 TDC275*016NSE-F E 0.125 0.5 5 15 TDC156*020NSF-F F 0.125 2.4 6 3.3 TDC335*016NSE-F E 0.125 0.5 5 18 TDC186*020NSF-F F 0.125 2.9 6 3.9 TDC395*016NSE-F E 0.125 0.5 5 22 TDC226*020NSF-F F 0.125 3.5 6 4.7 TDC475*016NSE-F E 0.125 0.6 5 33 TDC336*020WSG-F G 0.25 5.3 6 5.6 TDC565*016NSE-F E 0.125 0.7 5 39 TDC396*020WSG-F G 0.25 6.2 6 6.8 TDC685*016NSE-F E 0.125 0.9 5 47 TDC476*020WSG-F G 0.25 7.5 6 8.2 TDC825*016NSE-F E 0.125 1.0 6 56 TDC566*020WSG-F G 0.25 9.0 6 10 TDC106*016NSF-F F 0.125 1.3 6 68 TDC686*020WSG-F G 0.25 10.0 6 12 TDC126*016NSF-F F 0.125 1.5 6 82 TDC826*020WSG-F G 0.25 10.0 8 15 TDC156*016NSF-F F 0.125 1.8 6 100 TDC107*020WSG-F G 0.25 10.0 8 18 TDC186*016NSF-F F 0.125 2.2 6 25 WVdc; 32 Vdc Surge @ 85 ºC 22 TDC226*016NSF-F F 0.125 2.6 6 17 WVdc; 22 Vdc Surge @ 125 ºC 27 TDC276*016NSF-F F 0.125 3.2 6 1.0 TDC105*025NSE-F E 0.125 0.50 3 33 TDC336*016NSF-F F 0.125 4.0 6 1.2 TDC125*025NSE-F E 0.125 0.50 5 39 TDC396*016WSG-F G 0.25 4.7 6 1.5 TDC155*025NSE-F E 0.125 0.50 5 47 TDC476*016WSG-F G 0.25 5.6 6 1.8 TDC185*025NSE-F E 0.125 0.50 5 56 TDC566*016WSG-F G 0.25 6.8 6 2.2 TDC225*025NSE-F E 0.125 0.50 5 68 TDC686*016WSG-F G 0.25 8.2 6 2.7 TDC275*025NSE-F E 0.125 0.50 5 82 TDC826*016WSG-F G 0.25 9.8 8 3.3 TDC335*025NSE-F E 0.125 0.70 5 100 TDC107*016WSG-F G 0.25 10.0 8 3.9 TDC395*025NSE-F E 0.125 0.80 5 120 TDC127*016WSG-F G 0.25 10.0 8 4.7 TDC475*025NSF-F F 0.125 0.90 5 150 TDC157*016WSG-F G 0.25 10.0 8 5.6 TDC565*025NSF-F F 0.125 1.10 5 20 WVdc; 26 Vdc Surge @ 85 ºC 6.8 TDC685*025NSF-F F 0.125 1.40 5 13 WVdc; 16 Vdc Surge @ 125 ºC 8.2 TDC825*025NSF-F F 0.125 1.60 6 1.0 TDC105*020NSE-F E 0.125 0.5 3 10 TDC106*025NSF--F F 0.125 2.0 6 1.2 TDC125*020NSE-F E 0.125 0.5 5 12 TDC126*025NSF-F F 0.125 2.4 6 1.5 TDC155*020NSE-F E 0.125 0.5 5 15 TDC156*025NSF-F F 0.125 3.0 6 1.8 TDC185*020NSE-F E 0.125 0.5 5 18 TDC186*025NSF-F F 0.125 3.6 6 2.2 TDC225*020NSE-F E 0.125 0.5 5 22 TDC226*025NSF-F F 0.125 4.4 6 2.7 TDC275*020NSE-F E 0.125 0.5 5 27 TDC276*025WSG-F G 0.250 5.4 6 3.3 TDC335*020NSE-F E 0.125 0.5 5 33 TDC336*025WSG-F G 0.250 6.6 6 3.9 TDC395*020NSE-F E 0.125 0.6 5 39 TDC396*025WSG-F G 0.250 7.8 6 4.7 TDC475*020NSE-F E 0.125 0.8 5 47 TDC476*025WSG-F G 0.250 9.4 6 5.6 TDC565*020NSF-F F 0.125 0.9 5 56 TDC566*025WSG-F G 0.250 10.0 6 6.8 TDC685*020NSF-F F 0.125 1.1 5 68 TDC686*025WSG-F G 0.250 10.0 6 Ratings |
유사한 부품 번호 - TDC227006WSG-F |
|
유사한 설명 - TDC227006WSG-F |