전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPA008-4WX 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STPA008-4WX
상세설명  4 x 50 W MOSFET quad bridge power amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-4WX 데이터시트(HTML) 4 Page - STMicroelectronics

  STPA008-4WX Datasheet HTML 1Page - STMicroelectronics STPA008-4WX Datasheet HTML 2Page - STMicroelectronics STPA008-4WX Datasheet HTML 3Page - STMicroelectronics STPA008-4WX Datasheet HTML 4Page - STMicroelectronics STPA008-4WX Datasheet HTML 5Page - STMicroelectronics STPA008-4WX Datasheet HTML 6Page - STMicroelectronics STPA008-4WX Datasheet HTML 7Page - STMicroelectronics STPA008-4WX Datasheet HTML 8Page - STMicroelectronics STPA008-4WX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
List of tables
STPA008
4/29
DocID027887 Rev 2
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 3.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 4.
Thermal data. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 5.
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 6.
Flexiwatt 27 (vertical) package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 7.
Flexiwatt 25 (vertical) package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 8.
Flexiwatt 25 (horizontal) package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 9.
Document revision history. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28


유사한 부품 번호 - STPA008-4WX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPA008-ZST STMICROELECTRONICS-STPA008-ZST Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
More results

유사한 설명 - STPA008-4WX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
   4 x 50 W MOSFET quad bridge power amplifier plus HSD
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
   4 x 50 W MOSFET quad bridge power amplifier plus HSD
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
   4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
   4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
   4 48 W MOSFET quad bridge power amplifier
February 2016 Rev 4
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
   4 x 47W MOSFET quad bridge power amplifier
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com