전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P-UE86-3G2420-X0361 데이터시트(PDF) 4 Page - Amphenol Corporation

부품명 P-UE86-3G2420-X0361
상세설명  AND EMI GASKET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-UE86-3G2420-X0361 데이터시트(HTML) 4 Page - Amphenol Corporation

  P-UE86-3G2420-X0361 Datasheet HTML 1Page - Amphenol Corporation P-UE86-3G2420-X0361 Datasheet HTML 2Page - Amphenol Corporation P-UE86-3G2420-X0361 Datasheet HTML 3Page - Amphenol Corporation P-UE86-3G2420-X0361 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9.80
4X 1.60±0.03
0.50
3X 3.50
6.29
4X 8.00
2X 14.25
39X 0.56±0.05(TYP.)
13.28
30.50
4.50
1.72
58.00
7.125
3.50
3.50
E
2X2 PCB LAYOUT
COMPONENT
KEEP-OUT AREAS
COMPONENT
KEEP-OUT AREAS
0.10 M X Y
X
Y
12.00
3.00
4.00
3.00
2.00
1.60±0.03
0.80
0.70
0.70
40X 0.37±0.05
9.80
10.80
1.30
9X 0.80
0.50
3.95
3.95
3X 3.00
G
DETAIL E
SCALE 8 : 1
0.05 M X Y
X
Y
DETAIL G
SCALE 10 : 1
B12
B11
B9
B8
B3
T14
T15
T17
T18
B2
B10
B5
B7
T12
T13
T16
T19
T20
B13
B6
B4
B1
T13
T16
T19
NOTES:
1. 0.56 mm DIAMETER HOLES ARE
CHASSIS GROUND (39HOLES).
T11
T10
T1
T2
T3
T4
T5
T6
T7
T8
T9
B14
B15
B16
B17
B18
B20
B19
T12
INNER LIGHT PIPE
(OR MIDDLE LIGHT PIPE)
OUTER LIGHT PIPE
REVISIONS
REV.
ECN
DESCRIPTION
DATE
APPROVED
C
UPDATE NOTES
AUG 14/15
J.SI
D
CHANGED PCB THICKNESS
NOV 03/15
J.SI
E
REMOVED DIM. ZONE C2, SHEET 2 OF 4
OCT 31/16
J.SI
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
1
SCALE:
REV
DWG. NO.
6
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenolcanada.com
CODE ID NO.
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
DWG SIZE:
DO NOT
SCALE
DRAWING
03554
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APP'D
REF.
THIRD
ANGLE
PROJECTION
UNLESS SPECIFIED OTHERWISE
0.25
0.15
N/A
1
ENG. REL. NO.
DIMENSIONS ARE IN MILLIMETERS
REFERENCE IN PARENTHESES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACE
3 DECIMAL PLACE
ANGULAR DEGREES
J. SI
P. OU
J. SI
ECN Exxxxx
2X2 SFP ULTRAPORT WITH LIGHT PIPE OPTIONS
AND EMI GASKET
P-UE86-3G2420-X0361
E
SHEET 4 OF 4
4:1
C
FEB10/14
NOV03/15
NOV03/15
SEE NOTES
MATERIAL AND FINISH


유사한 부품 번호 - P-UE86-3G2420-X0361

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P-UE86-3G2620-X0X61 AMPHENOL-P-UE86-3G2620-X0X61 Datasheet
927Kb / 4P
   AND EMI SPRING FINGER
More results

유사한 설명 - P-UE86-3G2420-X0361

제조업체부품명데이터시트상세설명
logo
Amphenol Corporation
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
P-UE86-3G6420-X0X61 AMPHENOL-P-UE86-3G6420-X0X61 Datasheet
614Kb / 5P
   OPTIONS AND EMI GASKET VERSION
logo
Wurth Elektronik GmbH &...
38401205 WURTH-38401205 Datasheet
207Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401405 WURTH-38401405 Datasheet
209Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401401 WURTH-38401401 Datasheet
210Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401104 WURTH-38401104 Datasheet
208Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401107 WURTH-38401107 Datasheet
207Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401206 WURTH-38401206 Datasheet
207Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
logo
FIBOX Enclosing innovat...
3530717 FIBOX-3530717 Datasheet
36Kb / 1P
   Connection bridge and gasket
31.07.2023
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com