전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA11171 데이터시트(PDF) 1 Page - Cree, Inc

부품명 CA11171
상세설명  Tina series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CA11171 데이터시트(HTML) 1 Page - Cree, Inc

  CA11171 Datasheet HTML 1Page - Cree, Inc CA11171 Datasheet HTML 2Page - Cree, Inc CA11171 Datasheet HTML 3Page - Cree, Inc CA11171 Datasheet HTML 4Page - Cree, Inc CA11171 Datasheet HTML 5Page - Cree, Inc CA11171 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT DATASHEET
Tina series
last update 23/2/2017
DETAILS
Product Number
CA11171_TINA2-RS
Family
Tina
Type
Assembly
Color
black
Diameter
16,1 mm
Height
11 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
23/02/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MX-6
18 deg
Real spot
89 %
5.200
-
NS6x83
19 deg
Real spot
93 %
5.000
-
NS3x83
15 deg
Real spot
93 %
-
-
June 5th 2017 8:31 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - CA11171

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA11171 LEDIL-CA11171 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Nichia NS6x83.
CA11171 LEDIL-CA11171_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Nichia NS6x83.
More results

유사한 설명 - CA11171

제조업체부품명데이터시트상세설명
logo
Cree, Inc
FA11019 CREE-FA11019 Datasheet
348Kb / 6P
   Tina series
FA11826 CREE-FA11826 Datasheet
1Mb / 24P
   Tina series
FA11205 CREE-FA11205 Datasheet
453Kb / 11P
   Tina series
FA11208 CREE-FA11208 Datasheet
645Kb / 15P
   Tina series
CA11173 CREE-CA11173 Datasheet
409Kb / 7P
   Tina series
CP12682 CREE-CP12682 Datasheet
151Kb / 3P
   Tina series
CA13044 CREE-CA13044 Datasheet
595Kb / 9P
   Tina series
CA11420 CREE-CA11420 Datasheet
971Kb / 13P
   Tina series
FA10642 CREE-FA10642 Datasheet
339Kb / 6P
   Tina series
CA12374 CREE-CA12374 Datasheet
1Mb / 22P
   Tina series
CA12377 CREE-CA12377 Datasheet
1Mb / 23P
   Tina series
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com