전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA11245 데이터시트(PDF) 2 Page - Cree, Inc

부품명 CA11245
상세설명  Strada series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CA11245 데이터시트(HTML) 2 Page - Cree, Inc

  CA11245 Datasheet HTML 1Page - Cree, Inc CA11245 Datasheet HTML 2Page - Cree, Inc CA11245 Datasheet HTML 3Page - Cree, Inc CA11245 Datasheet HTML 4Page - Cree, Inc CA11245 Datasheet HTML 5Page - Cree, Inc CA11245 Datasheet HTML 6Page - Cree, Inc CA11245 Datasheet HTML 7Page - Cree, Inc CA11245 Datasheet HTML 8Page - Cree, Inc CA11245 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
0%
25%
50%
75%
100%
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Relative intensity of C11244-Strada-DN-6N83-CL-L400


유사한 부품 번호 - CA11245

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA11240 LEDIL-CA11240 Datasheet
104Kb / 2P
   Titanum Assembly
CA11240 LEDIL-CA11240 Datasheet
2Mb / 4P
   ~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
CA11240 LEDIL-CA11240_18 Datasheet
2Mb / 4P
   ~8째 35째 oval beam. Variant with beam direction rotated 90째. Assembly with tape.
logo
Cree, Inc
CA11243 CREE-CA11243 Datasheet
330Kb / 7P
   Strada series
CA11248 CREE-CA11248 Datasheet
828Kb / 12P
   Strada series
More results

유사한 설명 - CA11245

제조업체부품명데이터시트상세설명
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
CA12889 CREE-CA12889 Datasheet
1Mb / 26P
   Strada series
CA13119 CREE-CA13119 Datasheet
1Mb / 29P
   Strada series
CS15671 CREE-CS15671 Datasheet
853Kb / 9P
   Strada series
C13896 CREE-C13896 Datasheet
1Mb / 22P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com