전자부품 데이터시트 검색엔진 |
|
744031002 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744031002 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 5 page Dimensions: [mm] Scale - 5:1 3,8 ±0,3 Marking 2R5 Product Marking: Recommended Land Pattern: [mm] R 1,3 4,3 Scale - 5:1 Schematic: Properties Test conditions Value Unit Tol. Inductance 100 kHz/ 100 mV L 2.5 µH ±30 Rated Current ΔT = 30 K IR 1.45 A max. Saturation Current |ΔL/L| < 35 % ISAT 1.25 A typ. DC Resistance @ 20 °C RDC 50 mΩ typ. DC Resistance @ 20 °C RDC 58 mΩ max. Self Resonant Frequency fres 120 MHz typ. Electrical Properties: It is recommended that the temperature of the component does not exceed +125°C under worst case conditions Ambient Temperature (refering to IR) -40 °C up to +95 °C Operating Temperature -40 °C up to +125 °C Storage Temperature (in original packaging) -20°C up to +40°C, 75% RH max. Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently General Properties: Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CREATED CHECKED GENERAL TOLERANCE PROJECTION METHOD PaDi JRS DIN ISO 2768-1m DESCRIPTION WE-TPC SMD Shielded Tiny Power Inductor ORDER CODE 744031002 SIZE REVISION STATUS DATE (YYYY-MM-DD) BUSINESS UNIT PAGE 3816 006.005 Valid 2016-12-05 eiSos 1/5 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
유사한 부품 번호 - 744031002_17 |
|
유사한 설명 - 744031002_17 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |